Electronic Components Datasheet Search
  English  ▼

X  

1794-IB32 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1794-IB32
Description  FLEX I/O 32DI 24V DC SINK MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1794-IB32 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1794-IB32 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Distributed I/O and Signal Converters > Fieldbus I/O Systems > Allen-Bradley FLEX™ I/O >
FLEX™ I/O Modules
FLEX I/O 32DI 24V DC SINK MODULE
1794-IB32
Catalogue No:
·
Cover a wide electrical range
·
Densities range from 8...32 points
·
Isolated inputs or outputs, protected outputs, electronic
fusing, or diagnostics available on some modules
·
Removal and Insertion Under Power (RIUP) lets you
replace modules and make cable connections while
the system is in operation
·
FLEX-I/O XT™ extreme environment modules are
rated for -20...70 °C (-4....185 °F) and are compatible
with the ControlLogix-XT™ extreme environment
system. Contact NHP for further information.
·
Each I/O module requires a terminal base for
connection points for I/O wiring
·
Wire directly from sensor to terminal base of the Flex™
I/O module and eliminate the terminal strip
·
Conformally coated modules are available, please
contact NHP for further details
Representative Photo Only
(actual product may vary based on configuration selections)
Input Module, 24V DC, 32 Sink Inputs
SPECIFICATIONS
Product Series
Component Type Fieldbus I/O
Number of Digital Inputs
Digital Input Type
Digital Input Range
Power Supply
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Flex I/O (Bul.1794)
Digital Input Module
32 qty
24V DC Sinking (PNP) type
19.2 ... 31.2V DC
24V DC
No direct wiring to the I/O module,
remove and insert modules under
power is possible without disturbing
other modules or systems
55 °C max
0 °C min
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1794IB32 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1794-IB32

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IB10XOB6 NHP-1794-IB10XOB6 Datasheet
544Kb / 2P
FLEX I/O 10DI SINK 6DO SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
1794-IB8 NHP-1794-IB8 Datasheet
507Kb / 1P
FLEX I/O 8DI 24V DC SINK MODULE
7 June 2023,
More results

Similar Description - 1794-IB32

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1734-IK NHP-1734-IK Datasheet
496Kb / 1P
POINT I/O 24V DC INCREMENTAL ENCODER MODULE
7 June 2023,
1734-OB8 NHP-1734-OB8 Datasheet
622Kb / 1P
POINT I/O 8DO 24V DC SOURCE MODULE
7 June 2023,
1794-IB10XOB6 NHP-1794-IB10XOB6 Datasheet
544Kb / 2P
FLEX I/O 10DI SINK 6DO SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
1794-IB8 NHP-1794-IB8 Datasheet
507Kb / 1P
FLEX I/O 8DI 24V DC SINK MODULE
7 June 2023,
1794-OB16 NHP-1794-OB16 Datasheet
613Kb / 1P
FLEX I/O 16DO 24V DC MODULE
6 June 2023,
1794-OB16P NHP-1794-OB16P Datasheet
613Kb / 1P
FLEX I/O 16DO 24V DC PROTECTED MODULE
7 June 2023,
1794-OB32P NHP-1794-OB32P Datasheet
690Kb / 1P
FLEX I/O 32DO 24V DC PROTECTED MODULE
7 June 2023,
5069-OB16 NHP-5069-OB16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DO 24V DC MODULE
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com