Electronic Components Datasheet Search
  English  ▼

X  

1794-IB8 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1794-IB8
Description  FLEX I/O 8DI 24V DC SINK MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1794-IB8 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1794-IB8 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Distributed I/O and Signal Converters > Fieldbus I/O Systems > Allen-Bradley FLEX™ I/O >
FLEX™ I/O Modules
FLEX I/O 8DI 24V DC SINK MODULE
1794-IB8
Catalogue No:
·
Cover a wide electrical range
·
Densities range from 8...32 points
·
Isolated inputs or outputs, protected outputs, electronic
fusing, or diagnostics available on some modules
·
Removal and Insertion Under Power (RIUP) lets you
replace modules and make cable connections while
the system is in operation
·
FLEX-I/O XT™ extreme environment modules are
rated for -20...70 °C (-4....185 °F) and are compatible
with the ControlLogix-XT™ extreme environment
system. Contact NHP for further information.
·
Each I/O module requires a terminal base for
connection points for I/O wiring
·
Wire directly from sensor to terminal base of the Flex™
I/O module and eliminate the terminal strip
·
Conformally coated modules are available, please
contact NHP for further details
Representative Photo Only
(actual product may vary based on configuration selections)
Input Module, 24V DC, 8 Sink Inputs
SPECIFICATIONS
Product Series
Component Type Fieldbus I/O
Number of Digital Inputs
Digital Input Type
Digital Input Range
Power Supply
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Flex I/O (Bul.1794)
Digital Input Module
8 qty
24V DC Sinking (PNP) type
10 ... 31.2V DC
24V DC
No direct wiring to the I/O module,
remove and insert modules under
power is possible without disturbing
other modules or systems
55 °C max
0 °C min
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1794IB8 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1794-IB8

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IB10XOB6 NHP-1794-IB10XOB6 Datasheet
544Kb / 2P
FLEX I/O 10DI SINK 6DO SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
1794-IB32 NHP-1794-IB32 Datasheet
508Kb / 1P
FLEX I/O 32DI 24V DC SINK MODULE
7 June 2023,
More results

Similar Description - 1794-IB8

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1734-OB8 NHP-1734-OB8 Datasheet
622Kb / 1P
POINT I/O 8DO 24V DC SOURCE MODULE
7 June 2023,
1794-IB10XOB6 NHP-1794-IB10XOB6 Datasheet
544Kb / 2P
FLEX I/O 10DI SINK 6DO SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
1794-IB32 NHP-1794-IB32 Datasheet
508Kb / 1P
FLEX I/O 32DI 24V DC SINK MODULE
7 June 2023,
1794-OB16 NHP-1794-OB16 Datasheet
613Kb / 1P
FLEX I/O 16DO 24V DC MODULE
6 June 2023,
1794-OB16P NHP-1794-OB16P Datasheet
613Kb / 1P
FLEX I/O 16DO 24V DC PROTECTED MODULE
7 June 2023,
1794-OB32P NHP-1794-OB32P Datasheet
690Kb / 1P
FLEX I/O 32DO 24V DC PROTECTED MODULE
7 June 2023,
5069-IB8S NHP-5069-IB8S Datasheet
507Kb / 1P
COMPACT 5000 SAFETY I/O 8DI 24V DC MODULE
8 June 2023,
5069-OB16 NHP-5069-OB16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DO 24V DC MODULE
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com