Electronic Components Datasheet Search
  English  ▼

X  

TZ0924A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0924A
Description  8.0x3.0mm DIP Tuning Fork 32.768kHz Crystal Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0924A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0924A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0924A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
32.768kHz Crystal Unit
MODEL NO.: TZ0924A
REV. NO.: 1.0
Electrical Specifications:
Items
Specification
Nominal Frequency
32.7680 KHz
Storage temperature
-55 to +125 ℃
Operating Temperature Range
-30
°C to +85°C
Temperature characteristics - Turnover
temperature
25+/-5 ℃
Temperature characteristics - Parabolic
curvature constant
-0.034 +/-0.006 ppm/
°C2
Frequency Make Tolerance (FL)
+/-20 ppm @ 25
°C +/- 2°C
Equivalent Series Resistance (ESR)
50K
Ω max.
Drive Level
1.0uW max.
Load Capacitance (CL)
12.5 pF
Aging
+/-5 ppm max.
Insulation Resistance
500M
Ω Min. / DC100V
Mechanical Dimensions (mm):
PACKING: Bulk (1kpcs/Bag)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com