Electronic Components Datasheet Search
  English  ▼

X  

MUR550PF Datasheet(PDF) 6 Page - ON Semiconductor

Part # MUR550PF
Description  SWITCHMODE Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR550PF Datasheet(HTML) 6 Page - ON Semiconductor

  MUR550PF Datasheet HTML 1Page - ON Semiconductor MUR550PF Datasheet HTML 2Page - ON Semiconductor MUR550PF Datasheet HTML 3Page - ON Semiconductor MUR550PF Datasheet HTML 4Page - ON Semiconductor MUR550PF Datasheet HTML 5Page - ON Semiconductor MUR550PF Datasheet HTML 6Page - ON Semiconductor MUR550PF Datasheet HTML 7Page - ON Semiconductor MUR550PF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MUR550APF, MURD550PF, MUR550PF
http://onsemi.com
6
Figure 9. Thermal Response for MURD550PF
1000
0.1
0.000001
t, TIME (s)
10
1
0.1
0.0001
0.001
0.01
1.0
10
0.01
Single Pulse
0.5
0.2
0.1
0.05
0.01
0.00001
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 10. Thermal Response for MUR550PF
1000
0.1
0.000001
t, TIME (s)
10
1
0.1
0.0001
0.001
0.01
1.0
10
0.01
Single Pulse
0.5
0.2
0.1
0.05
0.01
0.00001
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
ORDERING INFORMATION
Device
Package
Shipping†
MUR550APF
Axial*
500 Units/Bag
MUR550APFG
Axial*
500 Units/Bag
MUR550APFRL
Axial*
1500 Tape & Reel
MUR550APFRLG
Axial*
1500 Tape & Reel
MURD550PFT4
DPAK
2500 Tape & Reel
MURD550PFT4G
DPAK
(Pb−Free)
2500 Tape & Reel
MUR550PF
TO−220
50 Units/Rail
MUR550PFG
TO−220
(Pb−Free)
50 Units/Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com