Electronic Components Datasheet Search
  English  ▼

X  

8102NH Datasheet(PDF) 1 Page - Belden Inc.

Part # 8102NH
Description  RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8102NH Datasheet(HTML) 1 Page - Belden Inc.

  8102NH Datasheet HTML 1Page - Belden Inc. 8102NH Datasheet HTML 2Page - Belden Inc. 8102NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8102NH
RS232/422 Low Cap, #24-2pr, FPO, O/A Foil+Braid, LSZH Jkt, Dca, 100Ω
Product Description
2-Pair, 24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs, overall Beldfoil® (100% coverage) + TC braid shield (65% coverage), 24
AWG stranded TC drain wire, LSZH jacket, Flame resistance IEC 60332-3-24 cat.C
Technical Specifications
Product Overview
Suitable Applications:
RS-232 extended distance applications; rs-422 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital
control (24v, …); line level audio; panel wiring
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
7x32
TC - Tinned Copper 2
Conductor Count:
4
Insulation
Material
Material Trade Name Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene (Foam) Datalene®
1.24 mm
0.06 mm
Color Chart
Number
Color
Pair 1
White & Blue; Blue & White
Pair 2
White & Orange; Orange & White
Outer Shield
Type Layer
Material
Material Trade Name Thickness of Foil Drainwire Material
Drainwire AWG Min. Coverage [%]
Tape 1
Bi-Laminate (Alum+Poly) Beldfoil® (Z-Fold®)
9 / 12 µm
TC - Tinned Copper 24
Braid 2
Tinned Copper (TC)
65%
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.9 mm
0.8 mm
Table Notes:
UV stabilised
Construction and Dimensions
Cabling
Description
Filler
2 fillers and 2 pairs twisted to cable core Polypropylene
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
78.7 Ohm/km
13 Ohm/km


Similar Part No. - 8102NH

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8102 GILWAY-8102 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
8102 FILTRAN-8102 Datasheet
84Kb / 1P
T1/CEPT ISDN PRI Transformers
logo
List of Unclassifed Man...
8102 ETC2-8102 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Belden Inc.
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
logo
Keystone Electronics Co...
8102 KEYSTONE-8102 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
More results

Similar Description - 8102NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9729NH BELDEN-9729NH Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, Indiv. Foil, LSZH Jkt, 100Ω
2022 Belden, Inc
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8110 BELDEN-8110 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8115 BELDEN-8115 Datasheet
217Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
05-05-2023
8118 BELDEN-8118 Datasheet
171Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8125 BELDEN-8125 Datasheet
156Kb / 2P
RS232/422 Low Cap, #24-25pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
9729ELW BELDEN-9729ELW Datasheet
170Kb / 4P
RS232/422 Low Cap, #24-2pr, FPO, Indiv. Foil, LSZH Jkt, 100Ω, Cca
12-19-2022
8110NH BELDEN-8110NH Datasheet
168Kb / 3P
RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
11-09-2022
9829NH BELDEN-9829NH Datasheet
156Kb / 3P
RS232/422 Low Cap, #24-2pr, PE, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
12-19-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com