Electronic Components Datasheet Search
  English  ▼

X  

8305ELW Datasheet(PDF) 1 Page - Belden Inc.

Part # 8305ELW
Description  RS-232, Low Cap, #22-5pr, LSZH, O/A FoilBraid, LSZH Jkt,Cca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8305ELW Datasheet(HTML) 1 Page - Belden Inc.

  8305ELW Datasheet HTML 1Page - Belden Inc. 8305ELW Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8305ELW
RS-232, Low Cap, #22-5pr, LSZH, O/A Foil+Braid, LSZH Jkt,Cca
Product Description
Computer EIA RS-232 Cable, 22 AWG stranded (7x30) tinned copper conductors, LSZH insulation, 5 twisted pairs, overall Beldfoil® (100% coverage) + tinned
copper braid shield (65% coverage), LSZH jacket, Cca
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Extended Distance Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio;
Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
5
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Insulation Diameter
Color Code
Pair(s)
LSZH - Low Smoke Zero Halogen (Flame Retardant) 1.3 mm (0.051 in)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow
Outer Shield
Shield Type
Material
Coverage
Tape
100%
Braid
Tinned Copper (TC) 65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 1.2 mm (0.047 in) 9.0 mm (0.35 in)
Overall Cable Diameter
(Nominal):
9.0 mm (0.35 in)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Pair(s)
59.7 Ohm/km (18.2 Ohm/1000ft) 110 pF/m (34 pF/ft)
210 pF/m (64 pF/ft)
60%
2.2 Amps per Conductor at 25ºC
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-30°C to +70°C -20°C To +70°C -30°C to +70°C
Bend Radius
Stationary Min.
Installation Min.
3.55 in (90.2 mm) 1.72 in (43.7 mm)
Max. Pull Tension:
91 lbs (41 kg)


Similar Part No. - 8305ELW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8305 ETC-8305 Datasheet
178Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Filtran LTD
8305 FILTRAN-8305 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
logo
API Technologies Corp
8305 APITECH-8305 Datasheet
717Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Belden Inc.
8305 BELDEN-8305 Datasheet
215Kb / 2P
RS-232, Low Cap, #22-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
12-19-2022
logo
V-COIL THREAD SYSTEM
8305 V-COIL-8305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
More results

Similar Description - 8305ELW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8302 BELDEN-8302 Datasheet
246Kb / 2P
RS-232, Low Cap, #22-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
8306 BELDEN-8306 Datasheet
153Kb / 2P
RS-232, Low Cap, #22-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8308 BELDEN-8308 Datasheet
209Kb / 2P
RS-232, Low Cap, #22-8pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8105 BELDEN-8105 Datasheet
201Kb / 2P
RS-232/422 Low Cap, #24-5pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8307 BELDEN-8307 Datasheet
151Kb / 2P
RS-232, Low Cap, #22-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8325 BELDEN-8325 Datasheet
215Kb / 2P
RS-232, Low Cap, #22-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8304 BELDEN-8304 Datasheet
201Kb / 2P
RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8312 BELDEN-8312 Datasheet
211Kb / 2P
RS-232, Low Cap, #22-12pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8318 BELDEN-8318 Datasheet
171Kb / 2P
RS-232, Low Cap, #22-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8305 BELDEN-8305 Datasheet
215Kb / 2P
RS-232, Low Cap, #22-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com