Electronic Components Datasheet Search
  English  ▼

X  

NB3N502DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3N502DG
Description  14 MHz to 190 MHz PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N502DG Datasheet(HTML) 3 Page - ON Semiconductor

  NB3N502DG Datasheet HTML 1Page - ON Semiconductor NB3N502DG Datasheet HTML 2Page - ON Semiconductor NB3N502DG Datasheet HTML 3Page - ON Semiconductor NB3N502DG Datasheet HTML 4Page - ON Semiconductor NB3N502DG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NB3N502
http://onsemi.com
3
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
7
V
VI
Input Voltage
GND – 0.5 = VI =
VDD + 0.5
V
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
SOIC−8
SOIC−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 1)
SOIC−8
41 to 44
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).
Table 6. DC CHARACTERISTICS (VDD = 3 V to 5.5 V unless otherwise noted, GND = 0 V, TA = −40°C to +85°C) (Note 2)
Symbol
Characteristic
Min
Typ
Max
Unit
IDD
Power Supply Current
(unloaded CLKOUT operating at 100 MHz with 20 MHz crystal)
20
mA
VOH
Output HIGH Voltage
IOH = −25 mA TTL High
2.4
V
VOL
Output LOW Voltage
IOL = 25 mA
0.4
V
VIH
Input HIGH Voltage, CLK only (pin 1)
(VDD / 2) + 1
VDD / 2
V
VIL
Input LOW Voltage, CLK only (pin 1)
VDD / 2
(VDD / 2) −1
V
VIH
Input HIGH Voltage, S0, S1
VDD – 0.5
V
VIL
Input LOW Voltage, S0, S1
0.5
V
VIM
Input level of S1 when open (Input Mid Point)
VDD ÷ 2
V
Cin
Input Capacitance, S0, S1
4
pF
ISC
Output Short Circuit Current
± 70
mA
2. Parameters are guaranteed by characterization and design, not tested in production.
Table 7. AC CHARACTERISTICS (VDD = 3 V to 5.5 V unless otherwise noted, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Min
Typ
Max
Unit
fXtal
Crystal Input Frequency
5
27
MHz
fCLK
Clock Input Frequency
2
50
MHz
fOUT
Output Frequency Range
VDD = 4.5 to 5.5 V (5.0 V ± 10%)
VDD = 3.0 to 3.6 V (3.3 V ± 10%)
14
14
190
120
MHz
MHz
DC
Clock Output Duty Cycle at 1.5 V up to 190 MHz
45
50
55
%
tjitter (rms)
Period Jitter (RMS, 1
σ)
15
ps
tjitter (pk−to−pk)
Total Period Jitter, (peak−to−peak)
±40
ps
tr/tf
Output rise/fall time (0.8 V to 2.0 V / 2.0 V to 0.8 V)
1
ns
3. Parameters are guaranteed by characterization and design, not tested in production.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com