Electronic Components Datasheet Search
  English  ▼

X  

NB3N551DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3N551DG
Description  3.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N551DG Datasheet(HTML) 3 Page - ON Semiconductor

  NB3N551DG Datasheet HTML 1Page - ON Semiconductor NB3N551DG Datasheet HTML 2Page - ON Semiconductor NB3N551DG Datasheet HTML 3Page - ON Semiconductor NB3N551DG Datasheet HTML 4Page - ON Semiconductor NB3N551DG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NB3N551
http://onsemi.com
3
DC CHARACTERISTICS (VDD = 3.0 V to 3.6 V, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Min
Typ
Max
Unit
IDD
Power Supply Current @ 135 MHz, No Load, VDD = 3.3 V
−
20
40
mA
VOH
Output HIGH Voltage – IOH = −25 mA, VDD = 3.3 V
2.4
−
−
V
VOL
Output LOW Voltage – IOL = 25 mA
−
−
0.4
V
VOH
Output HIGH Voltage – IOH = −12 mA (CMOS level)
VDD − 0.4
−
−
V
VIH, ICLK
Input HIGH Voltage, ICLK
(VDD/2)+0.7
−
3.8
V
VIL, ICLK
Input LOW Voltage, ICLK
−
−
(VDD/2)−0.7
V
VIH, OE
Input HIGH Voltage, OE
2.0
−
VDD
V
VIL, OE
Input LOW Voltage, OE
0
−
0.8
V
ZO
Nominal Output Impedance
−
20
−
W
RPU
Input Pull−up Resistor, OE
−
220
−
kW
CIN
Input Capacitance, OE
−
5.0
−
pF
IOS
Short Circuit Current
−
± 50
−
mA
DC CHARACTERISTICS (VDD = 4.5 V to 5.5 V, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Min
Typ
Max
Unit
IDD
Power Supply Current @ 135 MHz, No Load, VDD = 5.0 V
−
50
95
mA
VOH
Output HIGH Voltage – IOH = −35 mA
2.4
−
−
V
VOL
Output LOW Voltage – IOL = 35 mA
−
−
0.4
V
VOH
Output HIGH Voltage – IOH = −12 mA (CMOS level)
VDD – 0.4
−
−
V
VIH, ICLK
Input HIGH Voltage, ICLK
(VDD/2) + 1
−
5.5
V
VIL, ICLK
Input LOW Voltage, ICLK
−
−
(VDD/2) − 1
V
VIH, OE
Input HIGH Voltage, OE
2.0
−
VDD
V
VIL, OE
Input LOW Voltage, OE
0
−
0.8
V
ZO
Nominal Output Impedance
−
20
−
W
RPU
Input Pull−up Resistor, OE
−
220
−
kW
CIN
Input Capacitance, OE
−
5.0
−
pF
IOS
Short Circuit Current
−
±80
−
mA
AC CHARACTERISTICS (VDD = 3.0 V to 5.5 V, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Min
Typ
Max
Unit
fin
Input Frequency
−
−
180
MHz
tjitter (pd)
Period Jitter (RMS, 1σ)
−
2.0
−
ps
tr/tf
Output rise and fall times; 0.8 V to 2.0 V
−
0.5
1.0
ns
tpd
Propagation Delay, CLK to Qn, 0 − 180 MHz, (Note 4)
1.5
3.0
6.0
ns
tskew
Output−to−output skew; (Note 5)
−
50
160
ps
3. Outputs loaded with external RL = 33−W series resistor and CL = 15 pF to GND for proper operation. Duty cycle out = duty in. A 0.01 mF
decoupling capacitor should be connected between VDD and GND. A 33 W series terminating resistor may be used on each clock output
if the trace is longer than 1 inch.
4. Measured with rail−to−rail input clock.
5. Measured on rising edges at VDD ÷ 2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com