Electronic Components Datasheet Search
  English  ▼

X  

AN2533 Datasheet(PDF) 15 Page - Motorola, Inc

Part # AN2533
Description  Standard Space Vector Modulation – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2533 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button AN2533 Datasheet HTML 11Page - Motorola, Inc AN2533 Datasheet HTML 12Page - Motorola, Inc AN2533 Datasheet HTML 13Page - Motorola, Inc AN2533 Datasheet HTML 14Page - Motorola, Inc AN2533 Datasheet HTML 15Page - Motorola, Inc AN2533 Datasheet HTML 16Page - Motorola, Inc AN2533 Datasheet HTML 17Page - Motorola, Inc AN2533 Datasheet HTML 18Page - Motorola, Inc AN2533 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AN2533/D
Detailed Function Description
MOTOROLA
Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
15
TPU function svmStd3Xor_sync generates an interrupt after each low to high
transition.
Host Service Bits (HSR)
00 – No Host Service Request
01 – Not used
10 – Initialization
11 – Not used
Host Sequence Bits (HSQ)
xx – Not used
Channel Interrupt Enable
0 – Channel Interrupt Disabled
1 – Channel Interrupt Enabled
Channel Interrupt Status
0 – Interrupt Not Asserted
1 – Interrupt Asserted
Table 11. svmStd3Xor_sync Parameter RAM
Channel
Parameter 15 14 13 12 11 10 98
765
4321
0
0
move
1
pw
2
prescaler
3
presc_copy
4
time
5
dec
6
T_copy
7
Table 12. svmStd3Xor_sync parameter description
Parameter
Format
Description
Parameters written by CPU
move
16-bit signed integer
The number of TCR1 TPU cycles to
forego (negative) or come after
(positive) the PWM period center
time
pw
16-bit unsigned integer
Synchronization pulse width in
number of TCR1 TPU cycles.
Table 10. svmStd3Xor_sync Control Bits
Name
Options
1
0
1
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com