Electronic Components Datasheet Search
  English  ▼

X  

R325PE Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R325PE
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R325PE Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R325PE Datasheet HTML 1Page - Lin Eng. Inc. R325PE Datasheet HTML 2Page - Lin Eng. Inc. R325PE Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
G1 CONFI:URATION
PIN NUzBER
FUNCTION
1
Common Gve External
2
Dtep (in)
3
Kirection (in)
4
G5 VKC Unternal
5
Kisable (in)
6
Motor AG (out)
7
Motor A- (out)
8
Motor BG (out)
9
Motor B- (out)
10
Full Dtep (out)
11
PoLer Jround
12
PoLer Positive
GP3 CONFI:URATION
A seperate three pin connector fP3 is provided or the jD485 bus inter ace
PIN NUzBER
FUNCTION
1
A Unput (GVE)
2
Jround
3
B Unput (-VE)
E9ECTRICA9 SPECIFICATIONS
• INPUT VO9TA:E, +12 to 48
• DRIVE CURRENTLPER PHASEJ, 0.3 to 3.0 Amps Peak
• ISO9ATED INPUTS, Step ClockQ DirectionQand Disable
• STEP FREYUENCX LzAºJ, 2.5 zH(
• STEPS PER REVO9UTION L1.8 zOTORJ, 200Q400Q 800Q 1600Q 3200Q 6400Q 12800Q 25600Q 51200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com