Electronic Components Datasheet Search
  English  ▼

X  

R525P Datasheet(PDF) 4 Page - Lin Eng. Inc.

Part # R525P
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R525P Datasheet(HTML) 4 Page - Lin Eng. Inc.

  R525P Datasheet HTML 1Page - Lin Eng. Inc. R525P Datasheet HTML 2Page - Lin Eng. Inc. R525P Datasheet HTML 3Page - Lin Eng. Inc. R525P Datasheet HTML 4Page - Lin Eng. Inc. R525P Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4 I/O CONNECTOR PIN-OUTS
PIN
FUNCTION
COLOR
DESCRIPTION
1
 +5V out
Red/ White
5 VDC out
2
 Opto COM
Yellow
This is a 5VDC input in order
to optically isolate the logic
signals (step, direction, dis-
able pins). If no isolation is re-
quired, you can connect this
pin to Pin 1, the 5VDC output.
3
 Disable pin
Blue
Enable/ Disable pin. When pin
is low, or touching Pin 12
Ground, the driver is disabled.
If left alone (high), driver is
enabled
4
RS485/ A
Black/ White
Communication line for
RS485 connection. Used for
dasiy chaining multiple units
5
Ground
Green/ White
Power Supply Ground
6
 POWER+VE
Red
Motor Power Supply Voltage,
+12 to 48VDC
7
Direction
Orange
Direction input. Default con-
nection will rotate the motor
CCW. If this input is low, or
touching Pin 12 Ground, rota-
tion will be CW.
8
Analog input
White
This input can take a poten-
tiometer
9
Step input
Blue/ White
Step pulse input. The step
clock input will receive a clock
pulse input (TTL squarewave
signal, 0 to 5VDC), where one
pulse will move the motor one
step
10
RS485/ B
Brown
Communication line for
RS485 connection. Used for
dasiy chaining multiple units
11
Output
Black
Via the GUI, user can choose
to disable the unit, change
motor direction, close upon
fault, toggle when index is de-
tected on the encoder, close
when motor is stalled, moving
or holding
12
Ground
Green
Signal ground, also known as
digital ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com