Electronic Components Datasheet Search
  English  ▼

X  

X100FG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # X100FG
Description  2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X100FG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  X100FG Datasheet HTML 1Page - Voltage Multipliers Inc. X100FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
102
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
020
40
60
80
100
Reverse Bias Voltage (V)
0
50
100
150
200
250
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
Forward Current (A)
0
1
2
3
4
5
6
7
8
9
10
0.0
1.0
2.0
3.0
4.0
Forward Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
255075
100
125
150
175
Lead Temperature (C)
L=0.100"
L=0.000"
L=0.200"
L=0.300"
L=0.400"
L=0.500"
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
POWER DERATING
X25FG X50FG X100FG
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
X25FG
X100FG
X50FG
X100FG
X25FG
X50FG
Temperature (°C)
Lead Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com