Electronic Components Datasheet Search
  English  ▼

X  

ADN2813ACPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2813ACPZ
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813ACPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2813ACPZ Datasheet HTML 8Page - Analog Devices ADN2813ACPZ Datasheet HTML 9Page - Analog Devices ADN2813ACPZ Datasheet HTML 10Page - Analog Devices ADN2813ACPZ Datasheet HTML 11Page - Analog Devices ADN2813ACPZ Datasheet HTML 12Page - Analog Devices ADN2813ACPZ Datasheet HTML 13Page - Analog Devices ADN2813ACPZ Datasheet HTML 14Page - Analog Devices ADN2813ACPZ Datasheet HTML 15Page - Analog Devices ADN2813ACPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADN2813
Rev. 0 | Page 12 of 28
TERMINOLOGY
Input Sensitivity and Input Overdrive
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure 12. For sufficiently large positive input voltage,
the output is always Logic 1, and similarly for negative inputs,
the output is always Logic 0. However, the transitions between
output Logic 1 and output Logic 0 are not at precisely defined
input voltage levels but occur over a range of input voltages.
Within this range of input voltages, the output may be either 1
or 0, or it may even fail to attain a valid logic state. The width of
this zone is determined by the input voltage noise of the
quantizer. The center of the zone is the quantizer input offset
voltage. Input overdrive is the magnitude of signal required to
guarantee the correct logic level with 1 × 10−10 confidence level.
NOISE
OUTPUT
INPUT (V p-p)
OFFSET
OVERDRIVE
SENSITIVITY
(2
× OVERDRIVE)
1
0
Figure 12. Input Sensitivity and Input Overdrive
Single-Ended vs. Differential
AC coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc biased to a common-
mode potential of ~2.5 V. Driving the ADN2813 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure 13 shows a binary signal with an
average value equal to the common-mode potential and
instantaneous values both above and below the average value. It
is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure 13, because both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive. The ADN2813 quantizer typically has
3.3 mV p-p sensitivity.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
ADN2813
QUANTIZER
+
–
10mV p-p
VREF
Figure 13. Single-Ended Sensitivity Measurement
Driving the ADN2813 differentially (see Figure 14), sensitivity
seems to improve from observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2813 quantizer. However, the single-ended probe
measures only half the signal. The true quantizer input signal is
twice this value, because the other quantizer input is a
complementary signal to the signal being observed.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
QUANTIZER
+
–
NIN
5mV p-p
VREF
5mV p-p
VREF
Figure 14. Differential Sensitivity Measurement
LOS Response Time
LOS response time is the delay between removal of the input
signal and indication of loss of signal (LOS) at the LOS output,
Pin 22. When the inputs are dc-coupled, the LOS assert time of
the ADN2813 is 500 ns typical and the deassert time is 400 ns
typical. In practice, the time constant produced by the ac
coupling at the quantizer input and the 50 Ω on-chip input
termination determines the LOS response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com