Electronic Components Datasheet Search
  English  ▼

X  

PA-1650-50 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # PA-1650-50
Description  Laptop Power Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

PA-1650-50 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  PA-1650-50 Datasheet HTML 1Page - Lite-On Technology Corporation PA-1650-50 Datasheet HTML 2Page - Lite-On Technology Corporation PA-1650-50 Datasheet HTML 3Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average efficiency (typ.)
87.8%
Protection Function
Over voltage (max.)
150% of rated voltage, latch-off protection
Over current (max.)
160% of rated current, hiccup mode protection until fault is removed
Short circuit at O/P
No damage, hiccup mode protection until fault is removed
Over temperature
No damage, auto recovery until temperature is back to normal
Others
MTBF (min.) (note#3)
500K hours @ rated load
Environment
Temperature (note#5)
(operating) -20~70℃ / (storage) -40~85℃
Humidity
(operating) 10~90% RH non-condensing / (storage) 5~95% RH
Altitude (max.)
5000 meters
Mechanical
Dimension
107(L)*47(W)*30mm(H)
Vibration
10~500 Hz, 5G 20min./1cycle per axis for all axes (X, Y, Z)
Weight (typ.)
Safety
Standard
IEC/EN 60950-1, K60950-1, IEC/EN 62368-1, CNS14336-1
Withstand voltage
Input-Output: 4242VDC / Input-FG: 2150VDC
Isolation resistance(min.)
Input-Output: 30Mohm @ 500VDC, 25℃, 70%RH
EMC
EN55032 (CISPR32)
Conducted EMI: class B / Radiated EMI: class B
FCC
Conducted EMI: class B / Radiated EMI: class B
EN61000-3-2
Harmonic distortion: not applicable
EN61000-4-2
ESD: ±8KV contact discharge / ±15KV contact discharge
EN61000-4-3
Radiated RF immunity: 3V/m
EN61000-4-4
EFT: ±1KV (AC port)
EN61000-4-5
Surge: ±2KV DM / ±4KV CM
EN61000-4-6
Conducted RF immunity: 3V/m
EN61000-4-8
Magnetic field immunity: 3A/m
EN61000-4-11
Voltage dip immunity
Notes
#1: All specification defined at 230Vac/50Hz, rated power and 25℃ ambient temperature if not mentioned
specifically.
#2: Ripple noise is measured with 0.47uF MLCC & 47uF low ESR capacitor.
#3: Calculated by Telcordia SR332 at 25℃ ambient temperature.
#4: When operating altitude is higher than 2000m, the environment temperature derating factor is 0.36℃/100m.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com