Electronic Components Datasheet Search
  English  ▼

X  

ADN2818ACP Datasheet(PDF) 21 Page - Analog Devices

Part # ADN2818ACP
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2818ACP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2818ACP Datasheet HTML 17Page - Analog Devices ADN2818ACP Datasheet HTML 18Page - Analog Devices ADN2818ACP Datasheet HTML 19Page - Analog Devices ADN2818ACP Datasheet HTML 20Page - Analog Devices ADN2818ACP Datasheet HTML 21Page - Analog Devices ADN2818ACP Datasheet HTML 22Page - Analog Devices ADN2818ACP Datasheet HTML 23Page - Analog Devices ADN2818ACP Datasheet HTML 24Page - Analog Devices ADN2818ACP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 21 of 35
HYSTERESIS
LOS OUTPUT
INPUT LEVEL
LOS THRESHOLD
t
Figure 20. ADN2817 LOS Detector Hysteresis
The LOS detector and the SLICE level adjust can be used
simultaneously on the ADN2817/ADN2818. This means that
any offset added to the input signal by the SLICE adjust pins
does not affect the LOS detector’s measurement of the absolute
input level.
SQUELCH MODE
Two squelch modes are available with the ADN2817/ADN2818.
Squelch DATAOUT AND CLKOUT mode is selected when
CTRLC[1] = 0 (default mode). In this mode, when the squelch
input, Pin 27, is driven to a TTL high state, both the clock and
data outputs are set to the zero state to suppress downstream
processing. If the squelch function is not required, Pin 27
should be tied to VEE.
Squelch DATAOUT OR CLKOUT mode is selected when
CTRLC[1] is 1. In this mode, when the squelch input is driven
to a high state, the DATAOUT pins are squelched. When the
squelch input is driven to a low state, the CLKOUT pins are
squelched. This is especially useful in repeater applications,
where the recovered clock may not be needed.
I2C INTERFACE
The ADN2817/ADN2818 supports a 2-wire, I2C compatible,
serial bus driving multiple peripherals. Two inputs, serial data
(SDA) and serial clock (SCK), carry information between any
devices connected to the bus. Each slave device is recognized by
a unique address. The ADN2817/ADN2818 has two possible 7-
bit slave addresses for both read and write operations. The MSB
of the 7-bit slave address is factory programmed to 1. B5 of the
slave address is set by Pin 19, SADDR5. Slave address bits [4:0]
are defaulted to all 0s. The slave address consists of the 7 MSBs
of an 8-bit word. The LSB of the word sets either a read or write
operation (see Figure 7). Logic 1 corresponds to a read
operation, while Logic 0 corresponds to a write operation.
To control the device on the bus, the following protocol must be
followed. First, the master initiates a data transfer by establish-
ing a start condition, defined by a high to low transition on
SDA while SCK remains high. This indicates that an
address/data stream follows. All peripherals respond to the start
condition and shift the next eight bits (the 7-bit address and the
R/W bit). The bits are transferred from MSB to LSB. The
peripheral that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and maintain an idle condition. The idle
condition is where the device monitors the SDA and SCK lines
waiting for the start condition and correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on
the LSB of the first byte means that the master writes
information to the peripheral. Logic 1 on the LSB of the first
byte means that the master reads information from the
peripheral.
The ADN2817/ADN2818 acts as a standard slave device on the
bus. The data on the SDA pin is 8 bits long supporting the 7-bit
addresses plus the R/W bit. The ADN2817/ADN2818 has 8
subaddresses to enable the user-accessible internal registers (see
Table 1 through Table 7). It, therefore, interprets the first byte as
the device address and the second byte as the starting
subaddress. Autoincrement mode is supported, allowing data to
be read from or written to the starting subaddress and each
subsequent address without manually addressing the
subsequent subaddress. A data transfer is always terminated by
a stop condition. The user can also access any unique
subaddress register on a one-by-one basis without updating all
registers.
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions are asserted out of sequence
with normal read and write operations, then they cause an
immediate jump to the idle condition. During a given SCK high
period, the user should issue one start condition, one stop
condition, or a single stop condition followed by a single start
condition. If an invalid subaddress is issued by the user, the
ADN2817/ADN2818 does not issue an acknowledge and
returns to the idle condition. If the user exceeds the highest
subaddress while reading back in autoincrement mode, then the
highest subaddress register contents continue to be output until
the master device issues a no-acknowledge. This indicates the
end of a read. In a no-acknowledge condition, the SDATA line
is not pulled low on the ninth pulse. See Figure 8 and Figure 9
for sample read and write data transfers and Figure 10 for a
more detailed timing diagram.
REFERENCE CLOCK (OPTIONAL)
A reference clock is not required to perform clock and data
recovery with the ADN2817/ADN2818. However, support for
an optional reference clock is provided. The reference clock can
be driven differentially or single-ended. If the reference clock is
not being used, then REFCLKP should be tied to VCC, and
REFCLKN can be left floating or tied to VEE (the inputs are
internally terminated to VCC/2). See Figure 21 through Figure
23 for sample configurations.
The REFCLK input buffer accepts any differential signal with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com