Electronic Components Datasheet Search
  English  ▼

X  

CCG-1206 Datasheet(PDF) 1 Page - CUI Devices

Part # CCG-1206
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CCG-1206 Datasheet(HTML) 1 Page - CUI Devices

  CCG-1206 Datasheet HTML 1Page - CUI Devices CCG-1206 Datasheet HTML 2Page - CUI Devices CCG-1206 Datasheet HTML 3Page - CUI Devices CCG-1206 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CCG-1206 | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
cuidevices.com
FEATURES
• through hole
• 5 V rated
• externally driven
Vo-p
0V
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5.0
Vo-p
operating voltage
4.0
8.0
Vo-p
current consumption
at rated voltage, 2,400 Hz square wave, ½ duty
50
mA
rated frequency
2,400
Hz
sound pressure level
at 10 cm (A-weight), rated voltage, 2,400 Hz square wave,
½ duty
85
91
dBA
coil resistance
36.0
42.0
48.0
Ω
dimensions
Ø12.0 x 9.5
mm
weight
1.6
g
material
PBT+15% GF
terminal
pin type (Sn plating)
operating temperature
-35
75
°C
storage temperature
-40
85
°C
washable
yes
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 2 seconds
330
380
°C
wave soldering
see wave solder profile
255
260
265
°C
Time [sec]
Soldering Pot:260±5°C
120s Max
Pre-heating 160°C Max
A=5s max
Cooling by air
4°C/s max
4°C/s max
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CCG-1206

ManufacturerPart #DatasheetDescription
logo
CUI INC
CCG-1206 CUI-CCG-1206 Datasheet
347Kb / 4P
magnetic buzzer
CCG-1206 CUI-CCG-1206 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
CCG-1206 CUI-CCG-1206_V01 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
More results

Similar Description - CCG-1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
Magnetic transducer Buzzer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
MAGNETIC BUZZER TRANSDUCER
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-6736-80T CUI-CMT-6736-80T Datasheet
394Kb / 5P
MAGNETIC BUZZER TRANSDUCER
CMT-9504-87-SMT-TR CUI-CMT-9504-87-SMT-TR Datasheet
418Kb / 5P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CEM-1203 CUID-CEM-1203 Datasheet
499Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CMT-1032-85-SMT-TR CUID-CMT-1032-85-SMT-TR Datasheet
388Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com