Electronic Components Datasheet Search
  English  ▼

X  

CD-1206-SMT Datasheet(PDF) 3 Page - CUI Devices

Part # CD-1206-SMT
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CD-1206-SMT Datasheet(HTML) 3 Page - CUI Devices

  CD-1206-SMT Datasheet HTML 1Page - CUI Devices CD-1206-SMT Datasheet HTML 2Page - CUI Devices CD-1206-SMT Datasheet HTML 3Page - CUI Devices CD-1206-SMT Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | MODEL: CD-1206-SMT | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date 08/05/2022 | page 3 of 4
cuidevices.com
PACKAGING
units: mm
Tray Size: 184 x 184 x 24 mm
Inner Box Size: 200 x 190 x 100 mm
Carton Size: 440 x 400 x 310 mm
Tray QTY: 80 pcs per tray
Inner Box QTY: 400 pcs per inner box
Carton QTY: 4,800 pcs per carton
Lot No.
Model No.
Quantity.
Pcs
Date:
G
CUI Inc
XXXXXXXXXX
XXXXXXXXXX
XXXX
DD MM YY
MADE IN CHINA
* The label sticked on inner boxes
and the outer of carton.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com