Electronic Components Datasheet Search
  English  ▼

X  

323-V Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 323-V
Description  Socket terminal strip Screw connection, integrated push-through protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

323-V Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  323-V Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
323-V(-HDS)
Socket terminal strip
Screw connection, integrated push-through protection
03.19
WECO | www.wecogroup.com
''no flame'' after glow-wire test according to
Household Appliance DIN EN/IEC 60335-1
Socket terminal strip 323-V in pitch 10 mm with integrated push-through protection
is available in 1- to 12-pole design and can easily be cut to the desired pole
number.
The push-through protection inside the socket prevents inserting the wire too far
and thus accidental clamping on the insulation.
The flexible polyamide housing allows mounting on convex surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
Part Numbers
No. of
poles
323-V
323-V-HDS
Length
PU
1
11.822.008
61.822.008
8,00
2500
2
12.822.008
62.822.008
18,00
1000
3
13.822.008
63.822.008
28,00
1000
4
14.822.008
64.822.008
38,00
800
5
15.822.008
65.822.008
48,00
500
6
16.822.008
66.822.008
58,00
100
7
17.822.008
67.822.008
68,00
70
8
18.822.008
68.822.008
78,00
70
9
19.822.008
69.822.008
88,00
60
10
20.822.008
70.822.008
98,00
50
11
21.822.008
71.822.008
108,00
50
12
22.822.008
72.822.008
117,00
50
Part Numbers: "no flame" acc. to glow-wire test
No. of
poles
323-V
323-V-HDS
Length
PU
1
11.822.008.EN6
61.822.008.EN6
8,00
2500
2
12.822.008.EN6
62.822.008.EN6
18,00
1000
3
13.822.008.EN6
63.822.008.EN6
28,00
1000
4
14.822.008.EN6
64.822.008.EN6
38,00
800
5
15.822.008.EN6
65.822.008.EN6
48,00
500
6
16.822.008.EN6
66.822.008.EN6
58,00
100
7
17.822.008.EN6
67.822.008.EN6
68,00
70
8
18.822.008.EN6
68.822.008.EN6
78,00
70
9
19.822.008.EN6
69.822.008.EN6
88,00
60
10
20.822.008.EN6
70.822.008.EN6
98,00
50
11
21.822.008.EN6
71.822.008.EN6
108,00
50
12
22.822.008.EN6
72.822.008.EN6
117,00
50
General Information
Pitch
10 mm
No. of poles
1 - 12
Areas of application
For lighting applications and similar electrical
equipment.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 10 AWG
with wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
24 A
Torque
0,5 Nm
Other specifications
Push-through protection applies only when using
prepared flexible wires
Material
Moulding
PA, natural, V-2 (PA, white, V-0)
Details in brackets for "no flame" products
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M3; zinc plated steel, blue passivated
Wire protector
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
30
10
300
300
B
D
22 - 10
22 - 10
0,51
0,51
25
10
300
300
B
D,E
26 - 10
26 - 10
0,51
0,51
Current [A]
Voltage [V]
[mm²]
24
450
2,5
Options / Accessories
• Consecutive numbering
• Special marking accord. drawing
• Self-adhesive marking strip
• Crosshead screws
• Cover caps A-323 und base plate B-323 for additional contact protection


Similar Part No. - 323-V

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
323-000X APEX-ELECTRONICS-323-000X Datasheet
175Kb / 3P
Slotted Bits
323-00X APEX-ELECTRONICS-323-00X Datasheet
175Kb / 3P
Slotted Bits
logo
Hirose Electric
323-0788-1 40 HIROSE-323-0788-1 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
323-0790-3 40 HIROSE-323-0790-3 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
323-0791-6 40 HIROSE-323-0791-6 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
More results

Similar Description - 323-V

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com