Electronic Components Datasheet Search
  English  ▼

X  

324 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 324
Description  Socket terminal strip Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

324 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  324 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
324(-HDS)
Socket terminal strip
Screw connection
03.19
WECO | www.wecogroup.com
''no flame'' after glow-wire test according to
Household Appliance DIN EN/IEC 60335-1
The socket terminal strip 324 is available in 11,5 mm pitch with 1- to 12-pole
design and can be easily stripped to the desired number of poles.
One fixing hole is located between every two poles.
The flexible polyamide moulding can even be mounted on curved surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
Part Numbers
No. of
poles
324
324-HDS
Length
PU
1
11.823.003
31.823.012
9,00
3000
2
12.823.003
32.823.012
21,00
1000
3
13.823.003
33.823.012
32,00
800
4
14.823.003
34.823.012
44,00
500
5
15.823.003
35.823.012
55,00
250
6
16.823.003
36.823.012
67,00
100
7
17.823.003
37.823.012
78,00
75
8
18.823.003
38.823.012
90,00
75
9
19.823.003
39.823.012
101,00
50
10
20.823.003
40.823.012
113,00
50
11
21.823.003
41.823.012
124,00
50
12
22.823.003
42.823.012
135,00
50
further number of poles on request
Part Numbers: "no flame" acc. to glow-wire test
No. of
poles
324
324-HDS
Length
PU
4
34.823.022.EN6
44,00
500
12
42.823.022.EN6
135,00
50
further number of poles on request
General Information
Pitch
11,5 mm
No. of poles
1 - 12
Areas of application
For lighting applications and similar electrical
equipment.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
1 - 10 mm² / 1 - 6 mm² / 16 - 10 AWG
with wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 12 AWG
Rated Cross Section
4 mm²
Wire Stripping Length
7 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
32 A
Torque
0,8 Nm
Material
Moulding
PA, natural, V-2 (PA, white, V-0)
Details in brackets apply for "no flame" products
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M3,5; zinc plated steel, blue passivated
Wire protector
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
35
10
300
300
B
D
22 - 8
22 - 8
0,8
0,8
40
10
300
300
B
D,E
22-10 [1]
22-10 [1]
0,8
0,8
Current [A]
Voltage [V]
[mm²]
32
450
4,0
[1] 26 - 10 AWG for 324-HDS
Options / Accessories
• Marking options on and between the screw guides
• Marking strips BST-324
• Jumper 324-J
• Screws made out of brass
• Crosshead screws
• Sockets with blind hole
• Up to 24 poles possible


Similar Part No. - 324

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
324 GILWAY-324 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Switchcraft, Inc.
324 SWITCH-324 Datasheet
34Kb / 1P
Q-G짰 CONNECTOR-ADAPTERS
logo
Fluke Corporation
324 FLUKE-324 Datasheet
1Mb / 2P
320 Series True-rms Clamp Meters
logo
Aries Electronics, Inc.
324 ARIES-324 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
Structured Cable Produc...
324 STRUCTURED-CABLE-324 Datasheet
339Kb / 1P
24 PORT LOADED - CAT5E UTP PATCH PANEL, 1RU
03/2021
More results

Similar Description - 324

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com