Electronic Components Datasheet Search
  English  ▼

X  

Z20FF3LL Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # Z20FF3LL
Description  High Voltage Rectifiers - Formed Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z20FF3LL Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  Z20FF3LL Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
θ C-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°F
p
L
L
3
F
F
0
2
Z
L
L
3
F
F
0
5
Z
0
0
0
2
0
0
0
5
0
.
2
8
.
0
2
.
1
4
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
5
.
2
1
5
7
.
0
6
3
.
0
5
6
2
2
0
1
4
0
3
0
3
0
.
5
0
.
5
0
2
6
1
L
L
5
F
F
0
2
Z
L
L
5
F
F
0
5
Z
0
0
0
2
0
0
0
5
0
.
2
8
.
0
2
.
1
4
.
0
0
.
1
0
.
1
5
2
5
2
0
.
6
5
.
2
1
5
7
.
0
6
3
.
0
5
6
2
2
0
1
4
0
5
0
5
0
.
5
0
.
5
0
2
6
1
L
L
3
1
5
6
N
1
L
L
5
1
5
6
N
1
L
L
7
1
5
6
N
1
0
0
0
2
0
0
0
3
0
0
0
5
5
.
3
5
.
2
5
.
1
4
.
2
5
.
1
0
.
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
.
3
0
.
6
0
.
8
0
.
2
5
.
1
0
.
1
0
0
1
0
6
0
4
5
1
0
1
8
0
7
0
7
0
7
0
.
5
0
.
5
0
.
5
5
2
0
2
6
1
High Voltage Rectifiers - Formed Lead
Markings:
Cathode band.
.100(2.54)
(2 PL)
B
.150
(3.81)
(1)TC=55°C (2)TC=100°C (3)If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -65°C to +175°C Stg. Temp.= -65°C to +200°C
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
0.8A - 3.5A • 30ns - 70ns • Hermetic
.215(5.46) MAX.
A
.133 ±.015
(3.38 ±0.38)
.165(4.19)
MAX.
.022 ±.003
(.56 ±.08)
Dimension uncontrolled
in this area due to
solder fillet.
t
r
a
PA
B
L
L
3
F
F
0
2
Z
L
L
5
F
F
0
2
Z
.
X
A
M
)
9
8
.
8
(
0
5
3
.
.
N
I
M
)
3
1
.
8
(
0
2
3
.
0
2
2
.
)
9
5
.
5
(
L
L
3
F
F
0
5
Z
L
L
5
F
F
0
5
Z
.
X
A
M
)
1
9
.
9
(
0
9
3
.
.
N
I
M
)
9
8
.
8
(
0
5
3
.
0
6
2
.
)
0
6
.
6
(
L
L
3
1
5
6
N
1
.
X
A
M
)
4
6
.
8
(
0
4
3
.
.
N
I
M
)
3
1
.
8
(
0
2
3
.
0
1
2
.
)
3
3
.
5
(
L
L
5
1
5
6
N
1
.
X
A
M
)
4
1
.
9
(
0
6
3
.
.
N
I
M
)
4
6
.
8
(
0
4
3
.
0
3
2
.
)
4
8
.
5
(
L
L
7
1
5
6
N
1
.
X
A
M
)
5
6
.
9
(
0
8
3
.
.
N
I
M
)
9
8
.
8
(
0
5
3
.
0
5
2
.
)
5
3
.
6
(


Similar Part No. - Z20FF3LL

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
Z20FF3LL VMI-Z20FF3LL Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
Z20FF3LL NJSEMI-Z20FF3LL Datasheet
86Kb / 1P
High Voltage Rectifiers - Formed Lead
logo
Voltage Multipliers Inc...
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
More results

Similar Description - Z20FF3LL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
List of Unclassifed Man...
CMR200T ETC2-CMR200T_1 Datasheet
762Kb / 1P
LEAD FORMED SMD TYPE WITH EMBOSSED TAPE
logo
Voltage Multipliers Inc...
1N6513LL VMI-1N6513LL_13 Datasheet
156Kb / 2P
High Voltage Diodes - Formed Lead 1.5A - 3.5A ??70ns ??Hermetic
1N6838LL VMI-1N6838LL_13 Datasheet
142Kb / 2P
High Voltage Diodes - Formed Lead 0.75A - 2.00A ??30ns - 50ns ??Hermetic
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
Z50FF3LLHT VMI-Z50FF3LLHT Datasheet
361Kb / 1P
High Voltage Diode - Formed Lead 0.80A l 30ns l Hermetic
logo
Golledge Electronics Lt...
GSX49-3 GOLLEDGE-GSX49-3 Datasheet
582Kb / 5P
Low 3.2mm Profile Formed Lead SM Crystal
GSCX-26 GOLLEDGE-GSCX-26 Datasheet
536Kb / 3P
SM Low Frequency Formed Lead Cylindrical Crystal
logo
New Jersey Semi-Conduct...
Z20FF31L NJSEMI-Z20FF31L Datasheet
86Kb / 1P
High Voltage Rectifiers - Formed Lead
logo
Vishay Siliconix
SPLEADFHIGPOWTABTERM VISHAY-SPLEADFHIGPOWTABTERM Datasheet
227Kb / 3P
Custom Capabilities Lead Formed, High Powered, Tab Terminations, Quick Connect Wirewound Resistors
12-Sep-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com