Electronic Components Datasheet Search
  English  ▼

X  

327 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 327
Description  Socket terminal strip Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

327 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  327 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
327(-HDS)
Socket terminal strip
Screw connection
01.23
C3.10
MATERIAL
Moulding
PA, white, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Nickel plated brass
Screw
M5; zinc plated steel, blue passivated
Wire protector
Stainless steel strip
OPTIONS / ACCESSORIES
• Marking options on and between the screw guides
• Marking strips BST-327
• Jumper 327-J
• Version with raised base: please see 327-FU
CONFIGURATIONS
Version
Poles Item
Article number
Item
Article number
Length (L)
PU
Standard
1 327/01
11.825.001.EN6
327-HDS/01
31.825.001.EN6
14,50 mm
1000
Standard
2 327/02
12.825.001.EN6
327-HDS/02
32.825.001.EN6
29,00 mm
500
Standard
3 327/03
13.825.001.EN6
327-HDS/03
33.825.001.EN6
43,50 mm
250
Standard
4 327/04
14.825.001.EN6
327-HDS/04
34.825.001.EN6
58,00 mm
250
Standard
5 327/05
15.825.001.EN6
327-HDS/05
35.825.001.EN6
72,50 mm
200
Standard
6 327/06
16.825.001.EN6
327-HDS/06
36.825.001.EN6
87,00 mm
180
Standard
7 327/07
17.825.001.EN6
327-HDS/07
37.825.001.EN6
101,50 mm
160
Standard
8 327/08
18.825.001.EN6
327-HDS/08
38.825.001.EN6
116,00 mm
160
Standard
9 327/09
19.825.001.EN6
327-HDS/09
39.825.001.EN6
130,50 mm
130
Standard
10 327/10
20.825.001.EN6
327-HDS/10
40.825.001.EN6
145,00 mm
100
Standard
11 327/11
21.825.001.EN6
327-HDS/11
41.825.001.EN6
159,50 mm
100
Standard
12 327/12
22.825.001.EN6
327-HDS/12
42.825.001.EN6
171,00 mm
90
GENERAL INFORMATION
Pitch
14,5 mm
No. of poles
1 - 12
Areas of application
For lighting applications and similar electrical
equipment.
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
4 - 16 mm² / 4 - 16 mm² / 12 - 4 AWG
with wire protector
4 - 16 mm² / 4 - 10 mm² / 12 - 6 AWG
Rated Cross Section
16 mm² [1]
Wire Stripping Length
9 mm ± 1 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
500 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
76 A
Torque
2 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
80
80
300
600 V [3]
B,C
B,C
14 - 4
14 - 4
1,8 [2]
1,8 [2]
80
80
10
300
150
300
B
C
D,E
14 - 6
14 - 6
14 - 6
1,8
1,8
1,8
Current [A]
Voltage [V]
mm²
76
750
16
[1] multi-wire
[2] for 327-HDS 14 - 6 AWG, 65 A
[3] Shall be mounted on a suitable insulated surface, on standoffs or equivalent
means to maintain spacing from live parts to the mounting surface.


Similar Part No. - 327

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
327 ABBATRON-327 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 327

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com