Electronic Components Datasheet Search
  English  ▼

X  

342 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 342
Description  Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

342 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  342 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
342 / 342-F
Flat screw terminals
Medium-duty version with grooved flat terminals, 6-pole
01.20
342
342-F
MATERIAL
Base material
Technical ceramics
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 250°C
Spring washer
Zinc plated steel
Screw terminal
Nickel plated brass
Screw
M4; M3; Zinc plated steel
Washer
Zinc plated steel
OPTIONS / ACCESSORIES
• Versions only with washers
[1] The clamping range for flexible and AWG conductors was determined using
ferrules. Use of flexible conductors without ferrules is not recommended.
[2] Per pole two wires of identical cross-section can be connected.
CONFIGURATIONS
Item
Article number
PU
342
52.636.021
24
342-F
50.636.021
15
GENERAL INFORMATION
No. of poles
6
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,5 - 4 mm² / 0,5 - 1,5 mm² / 20 - 16 [1][2]
Rated Cross Section
4 mm²
Wire Stripping Length
10 mm ± 0,5 mm
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
32 A
Torque
1,2 Nm
Fixing Holes
ø 4,8 mm
Distance
93 mm
Base mounting
Recommendation:
Screw M4 with matching washer; max. torque 1.5
Nm; use of an elastic & insulating substrate.
Other specifications
Terminal strips must not be strung together without
considering the clearance and creepage distances.
Rated values apply to use in combination with
insulated substrates.


Similar Part No. - 342

ManufacturerPart #DatasheetDescription
logo
Littelfuse
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
logo
List of Unclassifed Man...
342 ETC2-342 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Littelfuse
342 LITTELFUSE-342 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
342 LITTELFUSE-342 Datasheet
311Kb / 2P
Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
05/01/24
logo
EDAC, All Rights Reserv...
342-005-500-101 EDAC-342-005-500-101 Datasheet
274Kb / 3P
342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results

Similar Description - 342

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
Capacitors with screw terminals
logo
WECO ELECTRICAL CONNECT...
307-PCF WECO-307-PCF Datasheet
152Kb / 1P
Multi-point screw connector with grooved flat terminals
02.19
338 WECO-338 Datasheet
163Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
11.20
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
340 WECO-340 Datasheet
105Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 3-pole
01.20
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
362 WECO-362 Datasheet
136Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 4-pole
01.20
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com