Electronic Components Datasheet Search
  English  ▼

X  

NB6L72 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB6L72
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72 Datasheet(HTML) 3 Page - ON Semiconductor

  NB6L72 Datasheet HTML 1Page - ON Semiconductor NB6L72 Datasheet HTML 2Page - ON Semiconductor NB6L72 Datasheet HTML 3Page - ON Semiconductor NB6L72 Datasheet HTML 4Page - ON Semiconductor NB6L72 Datasheet HTML 5Page - ON Semiconductor NB6L72 Datasheet HTML 6Page - ON Semiconductor NB6L72 Datasheet HTML 7Page - ON Semiconductor NB6L72 Datasheet HTML 8Page - ON Semiconductor NB6L72 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB6L72
http://onsemi.com
3
VTD1
D1
D1 SEL1
GND Q0
Q0
VCC
VCC
Q1
Q1
GND
SEL0
D0
D0
VTD0
5
678
16
15
14
13
12
11
10
9
1
2
3
4
NB6L72
Exposed Pad (EP)
Figure 2. Pin Configuration (Top View)
Table 1. INPUT/OUTPUT SELECT TRUTH TABLE
SEL0*
SEL1*
Q0
Q1
L
L
D0
D0
H
L
D1
D0
L
H
D0
D1
H
H
D1
D1
*Defaults LOW when left open
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
SEL0
LVTTL, LVCMOS
Input
Select Logic Input control that selects D0 or D1 to output Q0. See Table 1, Select Input
Function Table. Pin defaults LOW when left open
2
D0
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Noninverted Differential Input. Note 1.
3
D0
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Inverted Differential Input. Note 1.
4
VTD0
−
Internal 50 W Termination Pin. Note 1.
5
VTD1
−
Internal 50 W termination pin. Note 1.
6
D1
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Noninverted Differential Input. Note 1.
7
D1
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Inverted Differential Input. Note 1.
8
SEL1
LVTTL,LVCMOS
Input
Select Logic Input control that selects D0 or D1 to output Q1. See Table 1, Select Input
Function Table. Pin defaults LOW when left open
9
GND
−
Negative Supply Voltage
10
Q1
LVPECL Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC − 2.0 V.
11
Q1
LVPECL Output
Noninverted Differential Output. Typically Terminated with 50 W Resistor to VCC − 2.0 V.
12
VCC
−
Positive Supply Voltage
13
VCC
−
Positive Supply Voltage
14
Q0
LVPECL Output
Inverted Differential Reset Input. Typically Terminated with 50 W Resistor to VCC − 2.0 V.
15
Q0
LVPECL Output
Noninverted Differential Reset Input. Typically Terminated with 50 W Resistor to VCC − 2.0 V.
16
GND
−
Negative Supply Voltage
−
EP
−
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die for
improved heat transfer out of package. The exposed pad must be attached to a heat−sinking
conduit. The pad is not electrically connected to the die, but is recommended to be
electrically and thermally connected to GND on the PC board.
1. In the differential configuration when the input termination pin (VTDn, VTDn) are connected to a common termination voltage or left open,
and if no signal is applied on Dn/Dn input, then the device will be susceptible to self−oscillation.
2. All VCC and GND pins must be externally connected to a power supply for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com