Electronic Components Datasheet Search
  English  ▼

X  

NB2305A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB2305A
Description  3.3 V Zero Delay Clock Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2305A Datasheet(HTML) 4 Page - ON Semiconductor

  NB2305A Datasheet HTML 1Page - ON Semiconductor NB2305A Datasheet HTML 2Page - ON Semiconductor NB2305A Datasheet HTML 3Page - ON Semiconductor NB2305A Datasheet HTML 4Page - ON Semiconductor NB2305A Datasheet HTML 5Page - ON Semiconductor NB2305A Datasheet HTML 6Page - ON Semiconductor NB2305A Datasheet HTML 7Page - ON Semiconductor NB2305A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NB2305A
http://onsemi.com
4
Table 5. SWITCHING CHARACTERISTICS (Commercial and Industrial) (Note 4)
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30 pF load
10 pF load
15
15
100
133.33
MHz
1/t1
Duty Cycle = (t2 / t1) * 100
(−1, −1H)
(−1H)
Measured at 1.4 V, FOUT = 66.67 MHz
< 50 MHz
40
45
50
50
60
55
%
t3
Output Rise Time
(−1)
(−1H)
Measured between 0.8 V and 2.0 V
2.5
1.5
ns
t4
Output Fall Time
(−1)
(−1H)
Measured between 2.0 V and 0.8 V
2.5
1.5
ns
t5
Output−to−Output Skew
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT
Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device−to−Device Skew
Measured at VDD/2 on the CLKOUT pins of
the device
0
700
ps
tJ
Cycle−to−Cycle Jitter
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented
on REF pin
1.0
ms
trin
REF Input Rise Time
Measured between 0.8 V to 2.0 V
1.0
ns
tfin
REF Input Rise Fall Time
Measured between 2.0 V to 0.8 V
1.0
ns
4. All parameters specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com