Electronic Components Datasheet Search
  English  ▼

X  

1407440 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 1407440
Description  NBC- 2,0-94B/FS SCO - Network cable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407440 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 1407440 Datasheet HTML 12Page - PHOENIX CONTACT 1407440 Datasheet HTML 13Page - PHOENIX CONTACT 1407440 Datasheet HTML 14Page - PHOENIX CONTACT 1407440 Datasheet HTML 15Page - PHOENIX CONTACT 1407440 Datasheet HTML 16Page - PHOENIX CONTACT 1407440 Datasheet HTML 17Page - PHOENIX CONTACT 1407440 Datasheet HTML 18Page - PHOENIX CONTACT 1407440 Datasheet HTML 19Page - PHOENIX CONTACT 1407440 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CUTFOX 12 - Cable-cutting tool
1212128
https://www.phoenixcontact.com/us/products/1212128
Cable cutter, for copper and aluminum up to 12 mm diameter (up to
35 mm2)
CUTFOX-S VDE - Diagonal cutter
1212207
https://www.phoenixcontact.com/us/products/1212207
Diagonal cutter for hard (piano wire) and soft wires, VDE 1000 V AC/1500 V DC
tested
NBC- 2,0-94B/FS SCO - Network cable
1407440
https://www.phoenixcontact.com/us/products/1407440
Jul 7, 2023, 6:18 AM
Page 16 (28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com