Electronic Components Datasheet Search
  English  ▼

X  

1408631 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 1408631
Description  NBC-MRD-R4ACR SCO-PN/.../... - Network cable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408631 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 1408631 Datasheet HTML 11Page - PHOENIX CONTACT 1408631 Datasheet HTML 12Page - PHOENIX CONTACT 1408631 Datasheet HTML 13Page - PHOENIX CONTACT 1408631 Datasheet HTML 14Page - PHOENIX CONTACT 1408631 Datasheet HTML 15Page - PHOENIX CONTACT 1408631 Datasheet HTML 16Page - PHOENIX CONTACT 1408631 Datasheet HTML 17Page - PHOENIX CONTACT 1408631 Datasheet HTML 18Page - PHOENIX CONTACT 1408631 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1408631
UL Listed
Approval ID: FILE E 335024
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
30 V
4 A
-
-
cUL Listed
Approval ID: FILE E 335024
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
60 V
0.5 A
-
-
EAC-RoHS
Approval ID: RU D-DE.HB35.B.00387
NBC-MRD-R4ACR SCO-PN/.../... - Network cable
1408631
https://www.phoenixcontact.com/us/products/1408631
Jul 11, 2023, 4:37 AM
Page 15 (20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com