Electronic Components Datasheet Search
  English  ▼

X  

1408677 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1408677
Description  NBC-MS-R4QC SCO-IE/.../... - Network cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408677 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1408677 Datasheet HTML 1Page - PHOENIX CONTACT 1408677 Datasheet HTML 2Page - PHOENIX CONTACT 1408677 Datasheet HTML 3Page - PHOENIX CONTACT 1408677 Datasheet HTML 4Page - PHOENIX CONTACT 1408677 Datasheet HTML 5Page - PHOENIX CONTACT 1408677 Datasheet HTML 6Page - PHOENIX CONTACT 1408677 Datasheet HTML 7Page - PHOENIX CONTACT 1408677 Datasheet HTML 8Page - PHOENIX CONTACT 1408677 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5 (1 Gbps), 8-position, Variable cable type, shielded, Plug straight
M12, coding: A SPEEDCON / IP67, on Plug straight RJ45 Push Pull / IP67, cable length: Free
input (0.2 ... 40.0 m)
Commercial Data
Item number
1408677
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF17
Product Key
BF1CMI
Catalog Page
Page 401 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
NBC-MS-R4QC SCO-IE/.../... - Network cable
1408677
https://www.phoenixcontact.com/us/products/1408677
Jul 11, 2023, 5:00 AM
Page 1 (18)


Similar Part No. - 1408677

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408670 PHOENIX-1408670 Datasheet
534Kb / 16P
NBC-MR-R4RC SCO-IE/.../... - Network cable
1408671 PHOENIX-1408671 Datasheet
546Kb / 16P
NBC-MR-R4MC SCO-IE/.../... - Network cable
1408674 PHOENIX-1408674 Datasheet
530Kb / 16P
NBC-MR-R4AC SCO-IE/.../... - Network cable
1408675 PHOENIX-1408675 Datasheet
927Kb / 28P
NBC-MR SCO-IE/.../... - Network cable
1408676 PHOENIX-1408676 Datasheet
559Kb / 17P
NBC-MS-MS SCO-IE/.../... - Network cable
More results

Similar Description - 1408677

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408681 PHOENIX-1408681 Datasheet
649Kb / 18P
NBC-MS-R4AC SCO-IE/.../... - Network cable
1408659 PHOENIX-1408659 Datasheet
668Kb / 19P
NBC-MS-FS SCO-IE/.../... - Network cable
1408668 PHOENIX-1408668 Datasheet
534Kb / 16P
NBC-MR-R4QC SCO-IE/.../... - Network cable
1408682 PHOENIX-1408682 Datasheet
993Kb / 30P
NBC-MS SCO-IE/.../... - Network cable
1408678 PHOENIX-1408678 Datasheet
665Kb / 19P
NBC-MS-R4RC SCO-IE/.../... - Network cable
1408651 PHOENIX-1408651 Datasheet
534Kb / 16P
NBC-FR-R4QC SCO-IE/.../... - Network cable
1408676 PHOENIX-1408676 Datasheet
559Kb / 17P
NBC-MS-MS SCO-IE/.../... - Network cable
1408667 PHOENIX-1408667 Datasheet
491Kb / 15P
NBC-MS-MR SCO-IE/.../... - Network cable
1408650 PHOENIX-1408650 Datasheet
548Kb / 16P
NBC-MS-FR SCO-IE/.../... - Network cable
1408660 PHOENIX-1408660 Datasheet
662Kb / 18P
NBC-FS-R4QC SCO-IE/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com