Electronic Components Datasheet Search
  English  ▼

X  

ADN2928 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2928
Description  XFP Single Chip Transceiver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2928 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2928 Datasheet HTML 4Page - Analog Devices ADN2928 Datasheet HTML 5Page - Analog Devices ADN2928 Datasheet HTML 6Page - Analog Devices ADN2928 Datasheet HTML 7Page - Analog Devices ADN2928 Datasheet HTML 8Page - Analog Devices ADN2928 Datasheet HTML 9Page - Analog Devices ADN2928 Datasheet HTML 10Page - Analog Devices ADN2928 Datasheet HTML 11Page - Analog Devices ADN2928 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADN2928
Preliminary Technical Data
Rev. PrB | Page 8 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
1 23 45 6 7
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1, A4, B5, B6, D3 to D6, E3,
F2, F6, G4, G7
GND
P
Ground
A7, C6, D7, E5, E6, F7
VDDT_1.8
P
1.8 V transmitter power supply
B1, C2, C3, D1, E4, G1
VDDR_1.8
P
1.8 V receiver power supply
C1, E7
VDD_3.3
P
3.3 V power supply
A2
RxINN
AI
Negative Differential Rx Data Input
A3
RxINP
AI
Positive Differential Rx Data Input
A5
TxOUTP
AO
Positive Differential Tx Data Output; CML
A6
TxOUTN
AO
Negative Differential Tx Data Output; CML
B2
RxTHR
AI
Receiver LOS Threshold Setting Resistor
B3
COSR
AO
Receiver Offset Compensation Loop Capacitor
B4
CVDD_1.0
P
100 nF Decoupling Capacitor for Internal 1 V digital supply
B7
NC
No Connect
C4
REFCLKN
AI
Negative Differential Reference Clock Input
C5
REFCLKP
AI
Positive Differential Reference Clock Input
C7
CFT
AO
Transmitter FLL Loop Filter Capacitor
D2
RxLOS
DO
Receiver Loss of Signal Alarm Output. Active High
E1
CFR
AO
Receiver FLL Loop Filter Capacitor
E2
PDN
DI
Chip Power Down Input
F1
CDR_NR
DO
CDR Not Ready Alarm. Active High.
F3
SDA
DI/O
I2C Serial Data Input.
F4
SCK
DI
I2C Serial Clock Input
F5
COST
AO
Transmitter Offset Compensation Loop Capacitor
G2
RxOUTN
AO
Negative Differential Rx Data Output; CML
G3
RxOUTP
AO
Positive Differential Rx Data Output; CML
G5
TxINN
AI
Negative Differential Tx Data Input
G6
TxINP
AI
Postive Differential Tx Data Input
1Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com