Electronic Components Datasheet Search
  English  ▼

X  

ADP1610 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1610
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1610 Datasheet HTML 3Page - Analog Devices ADP1610 Datasheet HTML 4Page - Analog Devices ADP1610 Datasheet HTML 5Page - Analog Devices ADP1610 Datasheet HTML 6Page - Analog Devices ADP1610 Datasheet HTML 7Page - Analog Devices ADP1610 Datasheet HTML 8Page - Analog Devices ADP1610 Datasheet HTML 9Page - Analog Devices ADP1610 Datasheet HTML 10Page - Analog Devices ADP1610 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP1621
Rev. A | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SDSN 1
GND 2
COMP 3
FB 4
FREQ 5
IN
10
CS
9
PIN
8
GATE
7
PGND
6
ADP1621
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDSN
Shutdown and Synchronization Input. Turn the ADP1621 on by driving SDSN high; turn it off by driving SDSN low.
If SDSN is left floating or when the SDSN is pulled low, the ADP1621 goes into shutdown after 50 μs. If synchronization is
needed, synchronize the switching frequency to an external clock by connecting the external clock to the SDSN
pin. An internal 100 kΩ pull-down resistor is connected from SDSN to GND.
2
GND
Ground.
3
COMP
Regulation Control Compensation Node. COMP is the output of the internal transconductance error amplifier.
Connect a series RC from COMP to GND to compensate the regulator. The nominal voltage range for this pin is
1.0 V to 2.0 V.
4
FB
Feedback Input. FB is the input to the internal transconductance error amplifier. Drive FB from the output voltage
through a resistive voltage divider. The ratio of the voltage divider sets the output voltage. The regulation voltage
at FB is nominally 1.215 V.
5
FREQ
Frequency Control Input. Connect a resistor from FREQ to GND to set the free-running switching frequency
between 100 kHz and 1.5 MHz. The nominal voltage of this pin is 1.4 V.
6
PGND
Power Ground Input. PGND is the ground return for the internal gate driver and the negative input of the internal
current-sense amplifier. Connect PGND to GND as close to the ADP1621 as possible.
7
GATE
Gate Driver Output. The maximum gate driver output is equal to the PIN voltage. GATE drives the gate of the
external n-channel power MOSFET. Connect GATE to the gate of the MOSFET.
8
PIN
Power Input. PIN powers the gate driver output. An internal 5.5 V shunt regulator is connected to this pin. Bypass
PIN to PGND with a 0.1 μF or greater capacitor.
9
CS
Current-Sense Input. CS is the positive input of the current-sense amplifier. When GATE is turned on, the voltage at
the CS pin increases linearly from 0 V to a maximum of 116 mV, and the nominal peak slope-compensation output
current is 70 μA. When GATE is off, the CS function is disabled. For current sensing in lossless mode, connect CS to
the drain of the power MOSFET. The absolute maximum voltage at CS is 33 V. For higher accuracy current sensing
or higher switch-node voltages, connect CS to a current-sense power resistor in the source of the power MOSFET.
In both sensing methods, it is required to add a slope-compensation resistor, RS, to the CS pin to achieve stability
in the inductor current for duty cycles greater than 50%. However, it is recommended to add RS for all duty cycles
because load transients can momentarily cause the duty cycle to be greater than 50%, even when the steady-
state duty cycle is less than 50%.
10
IN
Input Voltage. IN powers the ADP1621 internal circuitry. An internal 5.5 V shunt regulator is connected to this pin.
Bypass IN to GND with a 0.1 μF or greater capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com