Electronic Components Datasheet Search
  English  ▼

X  

ADP1611 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1611
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1611 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1611 Datasheet HTML 21Page - Analog Devices ADP1611 Datasheet HTML 22Page - Analog Devices ADP1611 Datasheet HTML 23Page - Analog Devices ADP1611 Datasheet HTML 24Page - Analog Devices ADP1611 Datasheet HTML 25Page - Analog Devices ADP1611 Datasheet HTML 26Page - Analog Devices ADP1611 Datasheet HTML 27Page - Analog Devices ADP1611 Datasheet HTML 28Page - Analog Devices ADP1611 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP1621
Rev. A | Page 25 of 32
Low Input and High Output Boost Converter
Figure 36 shows a typical application boost converter circuit
that operates at a switching frequency of 200 kHz with VIN = 5 V
and VOUT = 30 V with a 1 A load. The duty cycle for this circuit
is about 83%. A higher switching frequency can be selected, but
the switching power loss in the MOSFET increases and a bigger
MOSFET is needed. For switch-node voltages greater than 30 V,
a sense resistor, RCS, is needed because the absolute maximum
voltage at CS is 33 V.
High Input Voltage Boost Converter Circuit
Input voltages higher than 5.5 V are possible with the addition
of a resistor and an NPN transistor, as shown in Figure 37, or just
with a single resistor, as shown in Figure 38. When there is a
wide input voltage range, it is sometimes desirable to use the
pass NPN transistor, as shown in Figure 37. If the input voltage
range is narrow, a single resistor connecting to the IN and PIN
pins is sufficient, as shown in Figure 38. In Figure 37, Resistor R3
limits the current going into IN, and there is power loss in this
resistor. The voltages at IN and PIN are both clamped to about
5.5 V, which can rise to as high as 5.9 V when the shunt current
is 30 mA. Refer to Figure 9 for the I-V characteristics of the
shunt regulators. Ensure that Resistor R3 is physically large
enough to handle the power dissipation. For switch-node
voltages higher than 30 V, a current-sense resistor is needed and
the CS pin senses the voltage across the sense resistor.
ADP1621
PIN
GATE
CS
AGND
PGND
SDSN
COMP
FREQ
GND
IN
FB
R1
115kΩ
1%
R2
4.87kΩ
1%
C1
47µF
6.3V
×2
L1
7.8µH
M1
CCOMP
20pF
fOSC = 200kHz
C1 = MURATA GRM31CR60J476M
COUT1 = MURATA GRM31CR72A10
COUT2 = MURATA GRM55ER71H475K
COUT3 = RUBYCON 50ZL330M10x23
M1 = VISHAY SUD50N06-07L
D1 = IRF 15TQ060
L1 = COILCRAFT DO501DH-782ML
RS
909Ω
RCS
3mΩ
RFREQ
100kΩ
1%
D1
C3
1µF
10V
C4
0.1µF
10V
C2
120pF
RCOMP
1.6MΩ
VIN = 5V
COUT1
1µF
100V
COUT2
4.7µF
50V
COUT3
330µF
50V
×2
VOUT = 30V
1A
Figure 36. Low Input, High Output Boost Converter
ADP1621
PIN
GATE
CS
AGND
PGND
SDSN
COMP
FREQ
GND
IN
FB
R1
115kΩ
1%
R3
700Ω
R2
4.87kΩ
1%
C1
22µF
16V
×2
L1
8.2µH
M1
CCOMP
220pF
fOSC = 560kHz
C1 = MURATA GRM32ER61C226K
COUT1 = MURATA GRM31CR72A105K
COUT2 = MURATA GRM55ER71H475K
COUT3 = RUBYCON 50ZL220M10x23
M1 = IRF7470
Q1 = SIGNAL NPN TRANSISTOR
D1 = MBRB7H50
L1 = COILCRAFT MSS1260-822ML
RS
402Ω
RCS
3mΩ
RFREQ
34.8kΩ
D1
Q1
C4
0.1µF
10V
C3
1µF
10V
C2
120pF
RCOMP
2MΩ
VIN = 8V TO 15V
COUT1
1µF
100V
COUT2
4.7µF
50V
COUT3
330µF
50V
×2
VOUT = 30V
1A
Figure 37. High Input Voltage and High Output Voltage Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com