Electronic Components Datasheet Search
  English  ▼

X  

ADP3110A Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3110A
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3110A Datasheet(HTML) 3 Page - Analog Devices

  ADP3110A Datasheet HTML 1Page - Analog Devices ADP3110A Datasheet HTML 2Page - Analog Devices ADP3110A Datasheet HTML 3Page - Analog Devices ADP3110A Datasheet HTML 4Page - Analog Devices ADP3110A Datasheet HTML 5Page - Analog Devices ADP3110A Datasheet HTML 6Page - Analog Devices ADP3110A Datasheet HTML 7Page - Analog Devices ADP3110A Datasheet HTML 8Page - Analog Devices ADP3110A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3110A
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 12 V, BST = 4 V to 26 V, TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DIGITAL INPUTS (PWM, OD)
Input Voltage High2
2.0
V
Input Voltage Low2
0.8
V
Input Current2
−1
+1
μA
Hysteresis2
90
250
mV
HIGH-SIDE DRIVER
Output Resistance, Sourcing Current
BST to SW = 12 V
2.6
3.4
Ω
Output Resistance, Sinking Current
BST to SW = 12 V
1.4
1.8
Ω
Output Resistance, Unbiased
BST to SW = 0 V
10
Transition Times
trDRVH
BST to SW = 12 V, CLOAD = 3 nF, see Figure 4
40
55
ns
tfDRVH
BST to SW = 12 V, CLOAD = 3 nF, see Figure 4
30
45
ns
Propagation Delay Times
tpdhDRVH
BST to SW = 12 V, CLOAD = 3 nF, see Figure 4
45
65
ns
tpdlDRVH
BST to SW = 12 V, CLOAD = 3 nF, see Figure 4
25
35
ns
OD
pdl
t
See Figure 3
20
35
ns
OD
pdh
t
See Figure 3
40
55
ns
SW Pull-Down Resistance
SW to PGND
10
LOW-SIDE DRIVER
Output Resistance, Sourcing Current
2.5
3.4
Ω
Output Resistance, Sinking Current
1.4
1.8
Ω
Output Resistance, Unbiased
VCC = PGND
10
Transition Times
trDRVL
CLOAD = 3 nF, see Figure 4
40
50
ns
tfDRVL
CLOAD = 3 nF, see Figure 4
20
30
ns
Propagation Delay Times
tpdhDRVL
CLOAD = 3 nF, see Figure 4
15
35
ns
tpdlDRVL
CLOAD = 3 nF, see Figure 4
30
40
ns
OD
pdl
t
See Figure 3
20
35
ns
OD
pdh
t
See Figure 3
110
190
ns
Timeout Delay
SW = 5 V
110
190
ns
SW = PGND
95
150
ns
SUPPLY
Supply Voltage Range2
VCC
4.15
13.2
V
Supply Current2
ISYS
BST = 12 V, IN = 0 V
2
5
mA
UVLO Voltage2
VCC rising
1.5
3.0
V
Hysteresis2
350
mV
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.
2 Specifications apply over the full operating temperature range TA = 0°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com