Electronic Components Datasheet Search
  English  ▼

X  

ADP3118 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3118
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3118 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3118 Datasheet HTML 7Page - Analog Devices ADP3118 Datasheet HTML 8Page - Analog Devices ADP3118 Datasheet HTML 9Page - Analog Devices ADP3118 Datasheet HTML 10Page - Analog Devices ADP3118 Datasheet HTML 11Page - Analog Devices ADP3118 Datasheet HTML 12Page - Analog Devices ADP3118 Datasheet HTML 13Page - Analog Devices ADP3118 Datasheet HTML 14Page - Analog Devices ADP3118 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3118
Rev. 0 | Page 11 of 16
The MOSFET vendor should provide a maximum voltage slew
rate at drain current rating such that this can be designed around.
Once you have this specification, determine the maximum
current you expect to see in the MOSFET. This can be done
with the following equation:
()
OUT
MAX
MAX
OUT
CC
DC
MAX
L
f
D
V
V
phase
per
I
I
×
×
−
+
=
)
(
(5)
where:
DMAX is determined for the VR controller being used with
the driver. This current is divided roughly equally between
MOSFETs if more than one is used (assume a worst-case
mismatch of 30% for design margin).
LOUT is the output inductor value.
When producing your design, there is no exact method for
calculating the dV/dt due to the parasitic effects in the external
MOSFETs as well as the PCB. However, it can be measured to
determine if it is safe. If it appears that the dV/dt is too fast, an
optional gate resistor can be added between DRVH and the
high-side MOSFETs. This resistor slows down the dV/dt, but it
increases the switching losses in the high-side MOSFETs. The
ADP3118 has been optimally designed with an internal drive
impedance that works with most MOSFETs to switch them
efficiently yet minimizes dV/dt. However, some high speed
MOSFETs may require this external gate resistor depending on
the currents being switched in the MOSFET.
LOW-SIDE (SYNCHRONOUS) MOSFETS
The low-side MOSFETs are usually selected to have a low on
resistance to minimize conduction losses. This usually implies a
large input gate capacitance and gate charge. The first concern is
to make sure the power delivery from the ADP3118’s DRVL
does not exceed the thermal rating of the driver (see the
ADP3186 or ADP3188 data sheet for Flex-Mode controller
details).
The next concern for the low-side MOSFETs is based on
preventing them from inadvertently being switched on when
the high-side MOSFET turns on. This occurs due to the drain-
gate (Miller, also specified as Crss) capacitance of the MOSFET.
When the drain of the low-side MOSFET is switched to VCC by
the high-side turning on (at a rate dV/dt), the internal gate of
the low-side MOSFET is pulled up by an amount roughly equal
to VCC × (Crss/Ciss). It is important to make sure this does not put
the MOSFET into conduction.
Another consideration is the nonoverlap circuitry of the
ADP3118, which attempts to minimize the nonoverlap period.
During the state of the high-side turning off to low-side turning
on, the SW pin is monitored (as well as the conditions of SW
prior to switching) to adequately prevent overlap.
However, during the low-side turn off to high-side turn on,
the SW pin does not contain information for determining the
proper switching time, so the state of the DRVL pin is moni-
tored to go below one sixth of VCC. A delay is then added. Due
to the Miller capacitance and internal delays of the low-side
MOSFET gate, one must ensure that the Miller to input capaci-
tance ratio is low enough and that the low-side MOSFET internal
delays are not so large as to allow accidental turn on of the low-
side when the high-side turns on.
Contact sales for an updated list of recommended low-side
MOSFETs.
PC BOARD LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed
circuit boards.
•
Trace out the high current paths and use short, wide
(>20 mil) traces to make these connections.
•
Minimize trace inductance between DRVH and DRVL
outputs and MOSFET gates.
•
Connect the PGND pin of the ADP3118 as closely as
possible to the source of the lower MOSFET.
•
Locate the VCC bypass capacitor as close as possible to the
VCC and PGND pins.
•
Use vias to other layers when possible to maximize thermal
conduction away from the IC.
The circuit in Figure 15 shows how four drivers can be
combined with the ADP3188 to form a total power conversion
solution for generating VCC (CORE) for an Intel CPU that is VRD
10.x-compliant.
Figure 14 shows an example of the typical land patterns based
on the guidelines given previously. For more detailed layout
guidelines for a complete CPU voltage regulator subsystem,
refer to the PC Board Layout Considerations section of the
ADP3188 data sheet.
D1
CBST2
CBST1
RBST
CVCC
Figure 14. External Component Placement Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com