Electronic Components Datasheet Search
  English  ▼

X  

CS5503-BS Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS5503-BS
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BS Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS5503-BS Datasheet HTML 46Page - Cirrus Logic CS5503-BS Datasheet HTML 47Page - Cirrus Logic CS5503-BS Datasheet HTML 48Page - Cirrus Logic CS5503-BS Datasheet HTML 49Page - Cirrus Logic CS5503-BS Datasheet HTML 50Page - Cirrus Logic CS5503-BS Datasheet HTML 51Page - Cirrus Logic CS5503-BS Datasheet HTML 52Page - Cirrus Logic CS5503-BS Datasheet HTML 53Page - Cirrus Logic CS5503-BS Datasheet HTML 54Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Oscilloscope Monitoring of SDATA
The output data from either the CS5501 or the
CS5503 can be observed on a dual trace oscillo-
scope with the following hook-up. Set the
evaluation board to operate in the SSC mode.
Connect scope probes to TP9 (SCLK) and TP10
(SDATA). Use a third probe connected to TP8
(DRDY) to provide the external trigger input to
the scope (use falling edge of DRDY to trigger).
With proper horizontal sweep, the SDATA output
bits from the A/D converter can be observed.
Note that if the input voltage to the CS5501 is
adjusted to a mid-code value, the converter will
remain stable on the same output code. This illus-
trates the low noise level of the CS5501. The
CS5503 will exhibit a few LSB’s of noise in its
observed output in agreement with its noise speci-
fications.
Evaluation Board Component Layout and
Design Considerations
Figure 7 is a reproduction of the silkscreen com-
ponent placement of the PC board.
The evaluation board includes design features to
insure proper performance from the A/D con-
verter chip. Separate analog and digital ground
planes have been used on the board to insure
good noise immunity to digital system noise.
Decoupling networks (R6, C7, and R7, C9 in Fig-
ure 6) have been used to eliminate the possibility
of noise on the power supplies on the digital sec-
tion from affecting the analog part of the A/D
converter chip.
The RC network (R10, C16 and C19) on the
output of the LT1019-2.5 reference may not be
needed in all applications. It has been included to
insure the best noise performance from the refer-
ence .
CDB5501/CDB5503
52
DS31DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com