Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 250 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 247Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 250Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 113
5.7.3.14 SAVE AND RESTORE OPERATIONS. The save and restore operations table
indicates the number of clock periods needed for the processor to perform the specified
state save or return from exception. Complete execution times and stack length are given.
No additional tables are needed to calculate total effective execution time for these
instructions. The total number of clock cycles is outside the parentheses. The numbers
inside parentheses (r/p/w) are included in the total clock cycle number. All timing data
assumes two-clock reads and writes.
Instruction
Head
Tail
Cycles
BERR on instruction
0
−2
<58(2/2/12)
BERR on exception
0
−2
48(2/2/12)
RTE (four-word frame)
1
−2
24(4/2/0)
RTE (six-word frame)
1
−2
26(4/2/0)
RTE (BERR on instruction)
1
−2
50(12/12/Y)
RTE (BERR on four-word frame)
1
−2
66(10/2/4)
RTE (BERR on six-word frame)
1
−2
70(12/2/6)
< = Maximum time is indicated (certain data or mode combinations execute faster).
Y = If a bus error occurred during a write cycle, the cycle is rerun by the RTE.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com