Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 297 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 297 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 293Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 294Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 295Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 441 page
background image
7- 2
MC68340 USER’S MANUAL
MOTOROLA
7.1 MODULE OVERVIEW
Features of the serial module are as follows:
• Two, Independent, Full-Duplex Asynchronous/Synchronous Receiver/Transmitter
Channels
• Maximum Data Transfer Rate:
—1
× mode: 3 Mbps @ 8.39 MHz CLKOUT, 9.8 Mbps @25 MHz CLKOUT
—16
× mode: 188 kbps @ 8.39 MHz CLKOUT, 612 kbps @25 MHz CLKOUT
• Quadruple-Buffered Receiver
• Double-Buffered Transmitter
• Independently Programmable Baud Rate for Each Receiver and Transmitter
Selectable from:
—19 Fixed Rates: 50 to 76.8k Baud
—External 1
× Clock or 16× Clock
• Programmable Data Format:
—Five to Eight Data Bits Plus Parity
—Odd, Even, No Parity, or Force Parity
—Nine-Sixteenths to Two Stop Bits Programmable in One-Sixteenth Bit Increments
• Programmable Channel Modes:
—Normal (Full Duplex)
—Automatic Echo
—Local Loopback
—Remote Loopback
• Automatic Wakeup Mode for Multidrop Applications
• Seven Maskable Interrupt Conditions
• Parity, Framing, and Overrun Error Detection
• False-Start Bit Detection
• Line-Break Detection and Generation
• Detection of Breaks Originating in the Middle of a Character
• Start/End Break Interrupt/Status
• On-Chip Crystal Oscillator
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com