Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 294Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 295Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 3
7.1.1 Serial Communication Channels A and B
Each communication channel provides a full-duplex asynchronous/synchronous receiver
and transmitter using an operating frequency independently selected from a baud rate
generator or an external clock input.
The transmitter accepts parallel data from the IMB, converts it to a serial bit stream,
inserts the appropriate start, stop, and optional parity bits, then outputs a composite serial
data stream on the channel transmitter serial data output (TxDx). Refer to 7.3.2.1
Transmitter for additional information.
The receiver accepts serial data on the channel receiver serial data input (RxDx), converts
it to parallel format, checks for a start bit, stop bit, parity (if any), or break condition, and
transfers the assembled character onto the IMB during read operations. Refer to 7.3.2.2
Receiver for additional information.
7.1.2 Baud Rate Generator Logic
The crystal oscillator operates directly from a 3.6864-MHz crystal connected across the
X1 input and the X2 output or from an external clock of the same frequency connected to
X1. The clock serves as the basic timing reference for the baud rate generator and other
internal circuits.
The baud rate generator operates from the oscillator or external TTL clock input and is
capable of generating 19 commonly used data communication baud rates ranging from 50
to 76.8k by producing internal clock outputs at 16 times the actual baud rate. Refer to 7.2
Serial Module Signal Definitions and 7.3.1 Baud Rate Generator for additional
information.
The external clock input (SCLK), which bypasses the baud rate generator, provides a
synchronous clock mode of operation when used as a divide-by-1 clock and an
asynchronous clock mode when used as a divide-by-16 clock. The external clock input
allows the user to use SCLK as the only clock source for the serial module if multiple baud
rates are not required.
7.1.3 Internal Channel Control Logic
The serial module receives operation commands from the host and, in turn, issues
appropriate operation signals to the internal serial module control logic. This mechanism
allows the registers within the module to be accessed and various commands to be
performed. Refer to 7.4 Register Description and Programming for additional
information.
7.1.4 Interrupt Control Logic
Seven interrupt request (
IRQ7–IRQ1) signals are provided to notify the CPU32 that an
interrupt has occurred. These interrupts are described in 7.4 Register Description and
Programming. The interrupt status register (ISR) is read by the CPU32 to determine all
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com