Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 419 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 419 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 415Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 416Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 417Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 418Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 419Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 420Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 421Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 422Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 423Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
11-19
11.8 DMA MODULE AC ELECTRICAL SPECIFICATIONS (See notes (a), (b), (c), and
(d) corresponding to part operation, GND = 0 Vdc, TA = 0 to 70
°C; see Figure 11-12)
3.3 V
3.3 V or 5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Min
Max
Min
Max
Min
Max
Unit
1
CLKOUT Low to
AS, DACK, DONE Asserted
—
60
—
30
—
20
ns
2
CLKOUT Low to
AS, DACK Negated
—
60
—
30
—
20
ns
3
DREQ
≈ Asserted to AS Asserted (for DMA Bus
Cycle)
3t cyc + tAIST + tCLSA
ns
41
Asynchronous Input Setup Time to CLKOUT
Low
15
—
8, 5
—
5
—
ns
5
Asynchronous Input Hold Time from CLKOUT
Low
30
—
15
—
10
—
ns
6
AS to DACK Assertion Skew
-30
30
–15
15
–10
10
ns
7
DACK to DONE Assertion Skew
-30
30
–15
15
–8
8
ns
8
AS, DACK, DONE Width Asserted
200
—
100
—
70
—
ns
8A
AS, DACK, DONE Width Asserted (Fast
Termination Cycle)
80
—
40
—
28
—
ns
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts T A = –40 to +85°C. These specifications are preliminary.
1.
Specification #4 for 16.78 MHz @ 3.3 V
±0.3 V will be 8 ns.
DONE (INPUT)
DREQ
CLKOUT
AS
DACK
DONE
(OUTPUT)
4
5
1
8
2
1
7
1
6
3
S0
S1
S2
S3
S4
S5
S0
S1
S2
S3
S4
S5
CPU_CYCLE
(DMA REQUEST)
DMA_CYCLE
Figure 11-12. DMA Signal Timing Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com