Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 418Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 419Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 420Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 421Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 422Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 423Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 424Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 425Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 441 page
background image
11-22
MC68340 USER’S MANUAL
MOTOROLA
11.10 SERIAL MODULE ELECTRICAL SPECIFICATIONS (See notes (a), (b), (c), and
(d) corresponding to part operation, GND = 0 Vdc, TA = 0 to 70
°C; see numbered notes; see Figures 11-15–11-18)
3.3 V
3.3 V or
5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
1
CLKOUT Cycle Time
tcyc
119.2
—
59.6
—
40
—
ns
2
Clock Rise or Fall Time
trf
—20
—10
—
5
ns
32
Clock Input (X1 or SCLK ) Synchronizer Setup
Time
tCS
15
—
8, 5
—
5
—
ns
4
Clock Input (X1 or SCLK ) Synchronizer Hold
Time
tCH
30
—
15
—
8
—
ns
5
TxD Data Valid from CLKOUT High
tVLD
0.5 t cyc
Max
6
X1 Cycle Time
tX1
2.25 t cyc
Min
7
X1 High or Low Time
tX1HL
0.55 t cyc + 0.75(tCS + tCH)
Min
8
SCLK High or Low Time, Asynchronous (16x)
Mode
tAHL
tcyc + tCS + tCH
Min
91
SCLK High Time, Synchronous (1x) Mode
tSH
tcyc(Gx) + tCS(Gx) + tCH(Gx)
Min
10
SCLK Low Time, Synchronous (1x) Mode
tSL
greater of
({1.5tcyc(Tx) + tCS(Tx) + tVLD(Tx)} +
0.5tcyc(Rx) + tCS(Rx) + tCH(Rx)})
or
tSH
Min
11
TxD Data Valid from SCLK Low, Synchronous
(1x) Mode
tT
× D
1.5tcyc(Tx) +
tCS(Tx) + tVLD(Tx)
Max
12
RxD Setup Time to SCLK High, Synchronous
(1x) Mode
tR
× S
0.5tcyc(Rx) + tCS(Rx) + tCH(Rx)
Min
13
RxD Hold Time from SCLK High, Synchronous
(1x) Mode
tR
× H
0.5tcyc(Rx) + tCS(Rx) + tCH(Rx)
Min
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts T A = –40 to +85°C. These specifications are preliminary.
1.
Asynchronous operation numbers take into account a receiver and transmitter operating at different clock
frequencies. (Rx) refers to receiver value. (Tx) refers to transmitter value. (Gx) refers to the value that is greater,
either receiver or transmitter.
2.
Specification #3 for 16.78 MHz @ 3.3 V
±0.3 V will be 8 ns.
CLKOUT
TxD
1
5
Figure 11-15. Serial Module General Timing Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com