Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 424 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 420Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 421Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 422Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 423Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 424Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 425Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 426Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 427Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 441 page
background image
11-24
MC68340 USER’S MANUAL
MOTOROLA
11.11 IEEE 1149.1 ELECTRICAL SPECIFICATIONS (See notes (a), (b), (c), and (d)
corresponding to part operation, GND = 0 Vdc, TA = 0 to 70
°C; see Figures 11-19–11-21)
3.3 V
3.3 V or
5.0 V
5.0 V
8.39 MHz
16.78 MHz
25.16 MHz
Num.
Characteristic
Min
Max
Min
Max
Min
Max
Unit
TCK Frequency of Operation
0
8.39
0
16.78
0
25
MHz
1
TCK Cycle Time in Crystal Mode
119.2
—
59.6
—
40
—
ns
2
TCK Clock Pulse Width Measured at 1.5 V
56
—
28
—
18
—
ns
3
TCK Rise and Fall Times
0
10
0503
ns
6
Boundary Scan Input Data Setup Time
32
—
16
—
10
—
ns
7
Boundary Scan Input Data Hold Time
52
—
26
—
18
—
ns
8
TCK Low to Output Data Valid
0
80
0
40
0
26
ns
9
TCK Low to Output High Impedance
0
120
0
60
0
40
ns
10
TMS, TDI Data Setup Time
30
—
15
—
10
—
ns
11
TMS, TDI Data Hold Time
30
—
15
—
10
—
ns
12
TCK Low to TDO Data Valid
0
50
0
25
0
16
ns
13
TCK Low to TDO High Impedance
0
50
0
25
0
16
ns
NOTES:
(a) The electrical specifications in this document for both the 8.39 and 16.78 MHz @ 3.3 V
±0.3 V are preliminary,
and apply only to the appropriate MC68340V low voltage part.
(b) The 16.78-MHz specifications apply to the MC68340 @ 5.0 V
±5% operation.
(c) The 25.16 MHz @ 5.0 V
±5% electrical specifications are preliminary.
(d) For extended temperature parts T A = –40 to +85°C. These specifications are preliminary.
V
V
TCK
1
2
2
3
3
IH
IL
Figure 11-19. Test Clock Input Timing Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com