Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 426 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 426 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 422Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 423Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 424Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 425Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 426Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 427Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 428Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 429Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 430Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
12-1
SECTION 12
ORDERING INFORMATION AND MECHANICAL DATA
This section contains ordering information, pin assignments and package dimensions of
the MC68340.
12.1 STANDARD MC68340 ORDERING INFORMATION
Supply
Voltage
Package Type
Frequency (MHz)
Temperature
Order Number
5.0 V
Ceramic Quad Flat Pack
FE Suffix
0 – 16.78
0 – 16.78
0 – 25
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
MC68340FE16
MC68340CFE16
MC68340FE25
5.0 V
Plastic Pin Grid Array
RP Suffix
0 – 16.78
0 – 16.78
0 – 25
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
MC68340RP16
MC68340CRP16
MC68340RP25
3.3 V
Ceramic Quad Flat Pack
FE Suffix
0 – 8.39
0 – 8.39
0 – 16.78
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
MC68340FE8V
MC68340CFE8V
MC68340FE16V
3.3 V
Plastic Pin Grid Array
RP Suffix
0 – 8.39
0 – 8.39
0 – 16.78
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
MC68340RP8V
MC68340CRP8V
MC68340RP16V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com