Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 431 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 431 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 427Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 428Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 429Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 430Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 431Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 432Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 433Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 434Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 435Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 441 page
background image
12-6
MC68340 USER’S MANUAL
MOTOROLA
12.3 PACKAGE DIMENSIONS
12.3.1 FE Suffix
X
PIN ONE INDEN
Z
TRIMMED, FORMED DISCRET
SHOWING DATUM FEATUR
Q
Y
0.50
TX Y
Z
S
S
M
R
K
M
J
C
H
W
M
0.10
T
∩
SEATING PLANE
144X
G
D
0.20
0.20
M
M
T
T
X-Y
Z
X-Y
Z
S
S
S
144X
S/V
0.20
0.20
T
T
X-Y
Z
X-Y
Z
S
S
S
SIDE VIEW
GULL WING LEAD CONFIGURA
TOP VIEW
DIM
A
B
C
D
G
H
J
K
M
Q
MILLIMETE
INCHE
MIN
MAX
MIN
MAX
25.84
27.70
1.017
1.09
25.84
27.70
1.017
1.09
3.55
4.31
0.140
0.170
0.22
0.41
0.009
0.016
0.65 BS
0.0256 BS
0.25
0.88
0.010
0.035
0.13
0.25
0.005
0.010
0.65
0.95
0.026
0.037
0°
80
8
0.325 BS
0.0128 BS
°°
°
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIM A AND B DEFINE MAXIMUM CERAMIC BODY DIMEN
INCLUDING GLASS PROTRUSION AND MISMATCH OF CE
BODY TOP AND BOTTOM.
4. DATUM PLANE -W- IS LOCATED AT THE UNDERSIDE O
WHERE LEADS EXIT PACKAGE BODY.
5. DATUMS X-Y AND Z TO BE DETERMINED WHERE CENT
EXIT PACKAGE BODY AT DATUM -W-.
6. DIM S AND V TO BE DETERMINED AT SEATING PLANE
7. DIM A AND B TO BE DETERMINED AT DATUM PLANE -
FE SUFFIX PACKAG
CERAMIC QFP
CASE 863A-01
S
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com