Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 441 page
background image
4- 20
MC68340 USER’S MANUAL
MOTOROLA
4.3.1 Module Base Address Register (MBAR)
MBAR 1
$0003FF00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
BA31
BA30
BA29
BA28
BA27
BA26
BA25
BA24
BA23
BA22
BA21
BA20
BA19
IBA18
BA17
BA16
RESET:
0000000000000000
CPU Space Only
MBAR 2
$0003FF02
15
14
13
12
11
10
9876543210
BA15
BA14
BA13
BA12
0
0
AS8
AS7
AS6
AS5
AS4
AS3
AS2
AS1
AS0
V
RESET
0000000000000000
CPU Space Only
BA31–BA12—Base Address Bits 31–12
The base address field is the upper 20 bits of the MBAR that provides for block starting
locations in increments of 4-Kbytes.
Bits 11, 10—Reserved
AS8–AS0—Address Space Bits 8–0
The address space field allows particular address spaces to be masked, placing the 4K
module block into a particular address space(s). If an address space is masked, an
access to the register block location in that address space becomes an external access.
The module block is not accessed. The address space bits are as follows:
AS8—mask DMA Space
address space (FC3–FC0 = 1xxx)
AS7—mask CPU Space
address space (FC3–FC0 = 0111)
AS6—mask Supervisor Program
address space (FC3–FC0 = 0110)
AS5—mask Supervisor Data
address space (FC3–FC0 = 0101)
AS4—mask Reserved [Motorola]
address space (FC3–FC0 = 0100)
AS3—mask Reserved [User]
address space (FC3–FC0 = 0011)
AS2—mask User Program
address space (FC3–FC0 = 0010)
AS1—mask User Data
address space (FC3–FC0 = 0001)
AS0—mask Reserved [Motorola]
address space (FC3–FC0 = 0000)
For each address space bit:
1 = Mask this address space from the internal module selection. The bus cycle goes
external.
0 = Decode for the internal module block.
V—Valid Bit
This bit indicates when the contents of the MBAR are valid. The base address value is
not used; therefore, all internal module registers are not accessible until the V-bit is set.
1 = Contents are valid.
0 = Contents are not valid.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com