Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 23
value of $0 prevents arbitration and causes all SIM40 interrupts, including external
interrupts, to be discarded as extraneous.
4.3.2.2 AUTOVECTOR REGISTER (AVR). The AVR contains bits that correspond to
external interrupt levels that require an autovector response. Setting a bit allows the
SIM40 to assert an internal
AVEC during the IACK cycle in response to the specified
interrupt request level. This register can be read and written at any time.
AVR
$006
76543210
AV7
AV6
AV5
AV4
AV3
AV2
AV1
0
RESET:
00000000
Supervisor Only
NOTE:
The IARB field in the MCR must contain a value other than $0
for the SIM40 to autovector for external interrupts.
4.3.2.3 RESET STATUS REGISTER (RSR). The RSR contains a bit for each reset source
to the SIM40. A set bit indicates the last type of reset that occurred, and only one bit can
be set in the register. The RSR is updated by the reset control logic when the SIM40
comes out of reset. This register can be read at any time; a write has no effect. For more
information, see Section 3 Bus Operation.
RSR
$007
76543210
EXT
POW
SW
DBF
0
LOC
SYS
0
Supervisor Only
EXT—External Reset
1 = The last reset was caused by an external signal driving
RESET.
POW—Power-Up Reset
1 = The last reset was caused by the power-up reset circuit.
SW—Software Watchdog Reset
1 = The last reset was caused by the software watchdog circuit.
DBF—Double Bus Fault Monitor Reset
1 = The last reset was caused by the double bus fault monitor.
Bits 3, 0—Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com