Electronic Components Datasheet Search
  English  ▼

X  

74LVC14A Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74LVC14A
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14A Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
15. Abbreviations
Table 10. Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
16. Revision history
Table 11. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74LVC14A v.9
20210920
Product data sheet
-
74LVC14A v.8
Modifications:
• Type number 74LVC14ADB (SOT337-1/SSOP14) removed.
74LVC14A v.8
20210429
Product data sheet
-
74LVC14A v.7
Modifications:
• Type number 74LVC14ABZ (SOT8014-1 / DHXQFN14) added.
74LVC14A v.7
20200724
Product data sheet
-
74LVC14A v.6
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Section 1 updated.
• Table 4: Derating values for Ptot total power dissipation updated.
74LVC14A v.6
20160610
Product data sheet
-
74LVC14A v.5
Modifications:
• Table 4: table note removed (errata).
74LVC14A v.5
20111223
Product data sheet
-
74LVC14A v.4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7 and Table 8: values added for lower voltage ranges.
74LVC14A v.4
20050215
Product data sheet
-
74LVC14A v.3
74LVC14A v.3
20030228
Product specification
-
74LVC14A v.2
74LVC14A v.2
20020315
Product specification
-
74LVC14A v.1
74LVC14A v.1
19980428
Product specification
-
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 September 2021
14 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com