Electronic Components Datasheet Search
  English  ▼

X  

BSH102 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSH102
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH102 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSH102 Datasheet HTML 1Page - NXP Semiconductors BSH102 Datasheet HTML 2Page - NXP Semiconductors BSH102 Datasheet HTML 3Page - NXP Semiconductors BSH102 Datasheet HTML 4Page - NXP Semiconductors BSH102 Datasheet HTML 5Page - NXP Semiconductors BSH102 Datasheet HTML 6Page - NXP Semiconductors BSH102 Datasheet HTML 7Page - NXP Semiconductors BSH102 Datasheet HTML 8Page - NXP Semiconductors BSH102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Dec 08
5
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
BSH102
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID =10 µA30
−−
V
VGSth
gate-source threshold voltage
VGS =VDS; ID = 1 mA
1
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS =24V
−−
100
nA
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−±100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 0.5 A
−−
0.4
Ω
VGS = 4.5 V; ID = 0.25 A
−−
0.6
Ω
Ciss
input capacitance
VGS = 0; VDS =24V; f=1MHz
−
67
−
pF
Coss
output capacitance
VGS = 0; VDS =24V; f=1MHz
−
27
−
pF
Crss
reverse transfer capacitance
VGS = 0; VDS =24V; f=1MHz
−
13
−
pF
QG
total gate charge
VGS = 10 V; VDD =15V;
ID = 0.5 A; Tamb =25 °C
−
2290
−
pC
QGS
gate-source charge
VDD = 15 V; ID = 0.5 A;
Tamb =25 °C
−
150
−
pC
QGD
gate-drain charge
VDD = 15 V; ID = 0.5 A;
Tamb =25 °C
−
780
−
pC
Switching times
td(on)
turn-on delay time
VGS = 0 to 10 V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
3.5
−
ns
tf
fall time
VGS = 0 to 10 V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
4
−
ns
ton
turn-on switching time
VGS = 0 to 10 V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
7.5
−
ns
td(off)
turn-off delay time
VGS =10to0V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
8
−
ns
tr
rise time
VGS =10to0V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
3
−
ns
toff
turn-off switching time
VGS =10to0V; VDD =15V;
ID = 0.5 A; Rgen =6 Ω
−
11
−
ns
Source-drain diode
VSD
source-drain diode forward
voltage
VGD = 0; IS = 0.5 A
−−
1V
trr
reverse recovery time
IS = 0.5 A; di/dt = −100 A/µs
−
25
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com