Electronic Components Datasheet Search
  English  ▼

X  

ADR121 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR121
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR121 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR121 Datasheet HTML 8Page - Analog Devices ADR121 Datasheet HTML 9Page - Analog Devices ADR121 Datasheet HTML 10Page - Analog Devices ADR121 Datasheet HTML 11Page - Analog Devices ADR121 Datasheet HTML 12Page - Analog Devices ADR121 Datasheet HTML 13Page - Analog Devices ADR121 Datasheet HTML 14Page - Analog Devices ADR121 Datasheet HTML 15Page - Analog Devices ADR121 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR121/ADR125/ADR127
Rev. 0 | Page 12 of 20
1
CIN = COUT = 0.1µF
50µV/DIV
TIME (1s/DIV)
CH1 p-p
287µV
CH1 rms
38.8µV
Figure 26. ADR127 10 Hz to 10 KHz Noise
1
CIN = COUT = 0.1µF
100µV/DIV
TIME (1s/DIV)
CH1 p-p
450µV
CH1 rms
58.1µV
Figure 27. ADR121 10 Hz to 10 KHz Noise
1
CIN = COUT = 0.1µF
200µV/DIV
TIME (1s/DIV)
CH1 p-p
788µV
CH1 rms
115µV
Figure 28. ADR125 10 Hz to 10 KHz Noise
1
2
VIN 1V/DIV
CIN = COUT = 0.1µF
VOUT
500mV/DIV
TIME (200µs/DIV)
Figure 29. ADR127 Turn-On Response
1
2
VIN 1V/DIV
CIN = COUT = 0.1µF
VOUT
500mV/DIV
TIME (40µs/DIV)
Figure 30. ADR127 Turn-On Response
1
2
VIN 1V/DIV
CIN = COUT = 0.1µF
VOUT
500mV/DIV
TIME (100µs/DIV)
Figure 31. ADR127 Turn-Off Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com