Electronic Components Datasheet Search
  English  ▼

X  

ADR127 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR127
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR127 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR127 Datasheet HTML 3Page - Analog Devices ADR127 Datasheet HTML 4Page - Analog Devices ADR127 Datasheet HTML 5Page - Analog Devices ADR127 Datasheet HTML 6Page - Analog Devices ADR127 Datasheet HTML 7Page - Analog Devices ADR127 Datasheet HTML 8Page - Analog Devices ADR127 Datasheet HTML 9Page - Analog Devices ADR127 Datasheet HTML 10Page - Analog Devices ADR127 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR121/ADR125/ADR127
Rev. 0 | Page 7 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating
temperature change normalized by the output voltage at 25°C.
This parameter is expressed in ppm/°C and can be determined
by
[]
()
( )
()
()
6
1
2
1
2
10
C
25
C
ppm/
×
−
×
°
−
=
°
T
T
V
T
V
T
V
TCV
O
O
O
O
where:
VO(25°C) = VO at 25°C.
VO(T1) = VO at Temperature 1.
VO(T2) = VO at Temperature 2.
Line Regulation
The change in the output due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-
per-million per volt, or microvolts per voltage changes in input
voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milliam-
pere, parts-per-million per milliampere, or ohms of dc output
resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1000 hours at 25°C.
( )
( )
[]
()
()
()
6
1
1
10
ppm
×
−
=
Δ
−
=
Δ
O
O
O
O
O
O
O
O
O
O
t
V
t
V
t
V
V
t
V
t
V
V
where:
VO(t0) = VO at 25°C at Time 0.
VO(t1) = VO at 25°C after 1000 hours operating at 25°C.
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperatures from +25°C to −40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
where:
VO (25°C) = VO at 25°C.
VOTC = VO at 25°C after temperature cycle at +25°C to −40°C to
+125°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com