Electronic Components Datasheet Search
  English  ▼

X  

ADR441 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR441
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR441 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR441 Datasheet HTML 12Page - Analog Devices ADR441 Datasheet HTML 13Page - Analog Devices ADR441 Datasheet HTML 14Page - Analog Devices ADR441 Datasheet HTML 15Page - Analog Devices ADR441 Datasheet HTML 16Page - Analog Devices ADR441 Datasheet HTML 17Page - Analog Devices ADR441 Datasheet HTML 18Page - Analog Devices ADR441 Datasheet HTML 19Page - Analog Devices ADR441 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 17 of 20
PRECISION OUTPUT REGULATOR
(BOOSTED REFERENCE)
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
6
2
VIN
VOUT
RL
200Ω
CL
1µF
2N7002
–V
15V
VO
CIN
0.1µF
COUT
0.1µF
VIN
GND
4
Figure 41. Boosted Output Reference
Higher current drive capability can be obtained, without
sacrificing accuracy, by using the circuit in Figure 41. The
operational amplifier regulates the MOSFET turn-on, forcing
VO to equal the VREF. Current is then drawn from VIN, allowing
increased current drive capability. The circuit allows a 50 mA
load; if higher current drive is required, use a larger MOSFET.
For fast transient response, add a buffer at VO to aid with
capacitive loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com