Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJST Datasheet(PDF) 11 Page - Analog Devices

Part # AD1981BLJST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 7Page - Analog Devices AD1981BLJST Datasheet HTML 8Page - Analog Devices AD1981BLJST Datasheet HTML 9Page - Analog Devices AD1981BLJST Datasheet HTML 10Page - Analog Devices AD1981BLJST Datasheet HTML 11Page - Analog Devices AD1981BLJST Datasheet HTML 12Page - Analog Devices AD1981BLJST Datasheet HTML 13Page - Analog Devices AD1981BLJST Datasheet HTML 14Page - Analog Devices AD1981BLJST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD1981BL
Rev. A | Page 11 of 32
Pin No.
Mnemonic
I/O
Description
22
MIC2
I
Microphone 2 Input (Mono) or Right Channel when 2-Channel Mode Selected
(Stereo MIC).
23
LINE_IN_L
I
Line-In Left Channel.
24
LINE_IN_R
I
Line-In Right Channel.
35
LINE_OUT_L
O
Line-Out (Front) Left Channel.
36
LINE_OUT_R
O
Line-Out (Front) Right Channel.
37
MONO_OUT
O
Monaural Output to Telephony Subsystem Speaker Phone.
39
HP_OUT_L
O
Headphone Left-Channel Output.
41
HP_OUT_R
O
Headphone Right-Channel Output.
FILTER/REFERENCE2
27
VREF
O
Voltage Reference Filter.
28
VREFOUT
O
Voltage Reference Output 5 mA Drive (Intended for MIC Bias and Power Amp Bias).
29
AFILT1
O
Antialiasing Filter Capacitor—ADC Right Channel.
30
AFILT2
O
Antialiasing Filter Capacitor—ADC Left Channel.
31
AFILT3
O
Antialiasing Filter Capacitor—Mixer ADC Right Channel.
32
AFILT4
O
Antialiasing Filter Capacitor—Mixer ADC Left Channel.
POWER AND GROUND
SIGNALS
1
DVDD1
I
Digital VDD, 3.3 V.
4
DVSS1
I
Digital GND.
7
DVSS2
I
Digital GND.
9
DVDD2
I
Digital VDD, 3.3 V.
25
AVDD1
I
Analog VDD, 3.3 V.
26
AVSS1
I
Analog GND.
38
AVDD2
I
Analog VDD, 3.3 V.
40
AVSS2
I
Analog GND.
43
AVDD3
I
Analog VDD, 3.3 V.
44
AVSS3
I
Analog GND.
34
AVDD4
I
Analog VDD, 3.3 V.
33
AVSS4
I
Analog GND.
NO CONNECTS
12
NC
No Connect.
42
NC
No Connect.
1 These pins can also be used to select an external clock. See Table 44.
2 These signals are connected to resistors, capacitors, or specific voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com