Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD1981BLJSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1981BLJSTZ Datasheet HTML 2Page - Analog Devices AD1981BLJSTZ Datasheet HTML 3Page - Analog Devices AD1981BLJSTZ Datasheet HTML 4Page - Analog Devices AD1981BLJSTZ Datasheet HTML 5Page - Analog Devices AD1981BLJSTZ Datasheet HTML 6Page - Analog Devices AD1981BLJSTZ Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ Datasheet HTML 9Page - Analog Devices AD1981BLJSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD1981BL
Rev. A | Page 6 of 32
Parameter
Symbol
Min
Typ
Max
Unit
SYNC Period
tSYNC_PERIOD
20.8
ms
Setup to Falling Edge of BIT_CLK
tSETUP
5
2.5
ns
Hold from Falling Edge of BIT_CLK
tHOLD
5
ns
BIT_CLK Rise Time
tRISECLK
2
4
6
ns
BIT_CLK Fall Time
tFALLCLK
2
4
6
ns
SYNC Rise Time
tRISESYNC
2
4
6
ns
SYNC Fall Time
tFALLSYNC
2
4
6
ns
SDATA_IN Rise Time
tRISEDIN
2
4
6
ns
SDATA_IN Fall Time
tFALLDIN
2
4
6
ns
SDATA_OUT Rise Time
tRISEDOUT
2
4
6
ns
SDATA_OUT Fall Time
tFALLDOUT
2
4
6
ns
End of Slot 2 to BIT_CLK, SDATA_IN Low
tS2_PDOWN
0
1.0
ms
Setup to Trailing Edge of RESET (Applies to SYNC, SDATA_OUT)
tSETUP2RST
15
ns
Rising Edge of RESET to High Z Delay
tOFF
25
ns
Propagation Delay
15
ns
RESET Rise Time
50
ns
Output Valid Delay from Rising Edge of BIT_CLK to SDI Valid
15
ns
1 Guaranteed but not tested.
2 Output jitter is directly dependent on crystal input jitter.
3 Maximum jitter specification is for noncrystal operation only. Crystal operation maximum is much lower.
RESET
BIT_CLK
SDATA_IN
tRST_LOW
tRST2CLK
tTRI2ACTV
tTRI2ACTV
Figure 2. Cold Reset Timing (Codec is Supplying the BIT_CLK Signal)
SYNC
BIT_CLK
tSYNC_HIGH
tSYNC2CLK
Figure 3. Warm Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com